Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 32 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 32 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 28Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 29Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 30Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 31Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 32Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 33Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 34Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 35Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 36Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
32
Sample External Timing Calculations
The following equations illustrate the task of determining the timing through the ispGDX2 family. These are only a
sample of equations to calculate the timing through the ispGDX2.
Figure 18 shows the specific delay paths and the Internal Timing Parameters table provides the parameter values.
Note that the internal timing parameters are given for reference only and are not tested. The external timing param-
eters are tested and guaranteed for every device.
Data from global select pin to output pin:
tPD_SEL = tSEL_IN + tMUXSEL + tOPBYPASS + tBUF
Global clock to output:
tCO = tCLK_IN + tGCLK + tOPCOi + tBUF
Input register or latch set-up time before global clock:
tIPS = tIN + tIPS - (tCLK + tGCLK)
Input register or latch hold time after global clock:
tIPH = (tCLK_IN + tGCLK) + tIPHi - tIN
Data from product term select to output pin:
tPD_PTSEL = tIN + tIPBYPASS + tROUTEGRP + tPTSEL + tMUXSEL + tOPBYPASS + tBUF
Product term clock to output:
tCO_PT = tIN + tIPBYPASS + tROUTEGRP + tPTCLK + tOPCOi + tBUF
Input register or latch set-up time before product term clock:
tIPS_PT = tIN + tIPSi_PT - (tIN + tIPBYPASS + tROUTEGRP + tPTCLK)
Input register or latch hold time after product term clock:
tIPH_PT = (tIN + tIPBYPASS + tROUTEGRP + tPTCLK) + tIPHi - tIN
Global OE input to output enable/disable:
tGOE/DIS = tGOE_IN + tOEBYPASS + tEN
External reset pin to output delay:
tOPRSTO = tSR_IN + tOPASROi + tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com