Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 62Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 63Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 64Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 65Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 66Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 67Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 68Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 69Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
66
GND
6
-
-
-
-
-
-
GND
TDI
-
-
-
-
-
-
-
AA4
GOE0
-
-
-
-
-
-
-
Y4
GND
7
-
-
-
-
-
-
GND
BK7_IO0
7
112P
7B
0
-
-
FIFO7B_ EMPTY
AB4
BK7_IO1
7
112N
7B
1
FIFO7B_STRDb
6
-
-
AB5
BK7_IO2
7
113P
7B
2
HSI7B_CDRRSTb
HSI7B_RECCLK
FIFO7B_FIFORSTb
V6
BK7_IO3
7
113N
7B
3
HSI7B_SYDT
5
HSI7B_RXD9/TXD9
FIFO7B_DIN9/DOUT9
W5
BK7_IO4
7
114P
7B
4
HSI7B_SINP
HSI7B_RXD8/TXD8
FIFO7B_DIN8/DOUT8
T8
BK7_IO5
7
114N
7B
5
HSI7B_SINN
HSI7B_RXD7/TXD7
FIFO7B_DIN7/DOUT7
T9
BK7_IO6
7
115P
7B
6
-
HSI7B_RXD6/TXD6
FIFO7B_DIN6/DOUT6
W6
BK7_IO7
7
115N
7B
7
-
HSI7B_RXD5/TXD5
FIFO7B_DIN5/DOUT5
Y5
BK7_IO8
7
116P
7B
8
Note 4
HSI7B_RXD4/TXD4
FIFO7B_DIN4/DOUT4
AA5
BK7_IO9
7
116N
7B
9
-
HSI7B_RXD3/TXD3
FIFO7B_DIN3/DOUT3
AA6
BK7_IO10/
VREF7
7
117P
7B
10
HSI7B_SOUTP
HSI7B_RXD2/TXD2
FIFO7B_DIN2/DOUT2
U8
BK7_IO11
7
117N
7B
11
HSI7B_SOUTN
HSI7B_RXD1/TXD1
FIFO7B_DIN1/DOUT1
U9
GND
7
-
-
-
-
-
-
GND
BK7_IO12
7
118P
7B
12
-
HSI7B_RXD0/TXD0
FIFO7B_DIN0/DOUT0
W7
BK7_IO13
7
118N
7B
13
-
HSI7B_SYDT
5
-W8
BK7_IO14/
PLL_RST1
7
119P
7B
14
-
-
-
AB6
BK7_IO15
7
119N
7B
15
-
-
FIFO7B_FULL
AB7
BK7_IO16
7
120P
6B
0
FIFO6B_STRDb
6
--
Y7
BK7_IO17
7
120N
6B
1
HSI6B_CDRRSTb
HSI6B_RECCLK
FIFO6B_FIFORSTb
AA7
BK7_IO18
7
121P
6B
2
HSI6B_SYDT
5
HSI6B_RXD9/TXD9
FIFO6B_DIN9/DOUT9
W9
BK7_IO19
7
121N
6B
3
-
HSI6B_RXD8/TXD8
FIFO6B_DIN8/DOUT8
Y8
GND
7
-
-
-
-
-
-
GND
BK7_IO20
7
122P
6B
4
HSI6B_SOUTP
HSI6B_RXD7/TXD7
FIFO6B_DIN7/DOUT7
T10
BK7_IO21
7
122N
6B
5
HSI6B_SOUTN
HSI6B_RXD6/TXD6
FIFO6B_DIN6/DOUT6
T11
BK7_IO22
7
123P
6B
6
-
HSI6B_RXD5/TXD5
FIFO6B_DIN5/DOUT5
AA8
BK7_IO23
7
123N
6B
7
-
HSI6B_RXD4/TXD4
FIFO6B_DIN4/DOUT4
AB8
BK7_IO24
7
124P
6B
8
Note 4
HSI6B_RXD3/TXD3
FIFO6B_DIN3/DOUT3
W10
BK7_IO25
7
124N
6B
9
-
HSI6B_RXD2/TXD2
FIFO6B_DIN2/DOUT2
Y9
BK7_IO26
7
125P
6B
10
HSI6B_SINP
HSI6B_RXD1/TXD1
FIFO6B_DIN1/DOUT1
U10
BK7_IO27
7
125N
6B
11
HSI6B_SINN
HSI6B_RXD0/TXD0
FIFO6B_DIN0/DOUT0
U11
GND
7
-
-
-
-
-
-
GND
BK7_IO28
7
126P
6B
12
-
HSI6B_SYDT
5
FIFO6B_ EMPTY
W11
BK7_IO29/
PLL_LOCK1
7
126N
6B
13
-
-
-
Y10
BK7_IO30
7
127P
6B
14
-
-
-
AA10
BK7_IO31
7
127N
6B
15
-
-
FIFO6B_FULL
AB9
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com