Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 55Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 56Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 57Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 58Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 59Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 60Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 61Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 62Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
59
GND
6
-
-
-
-
-
GND
BK6_IO12
6
54N
3A
12
-
HSI3A_RXD2/TXD2
FIFO3A_DIN2/DOUT2
L3
BK6_IO13
6
54P
3A
13
Note 4
HSI3A_RXD1/TXD1
FIFO3A_DIN1/DOUT1
N2
BK6_IO14
6
55N
3A
14
-
HSI3A_RXD0/TXD0
FIFO3A_DIN0/DOUT0
P1
BK6_IO15 / VREF6
6
55P
3A
15
-
HSI3A_SYDT
5
FIFO3A_ FULL
P2
TDI
-
-
-
-
-
-
N3
GOE0
-
-
-
-
-
-
T8
GND
7
-
-
-
-
-
GND
BK7_IO0 / VREF7
7
56P
3B
0
FIFO3B_STRDb
6
--
T2
BK7_IO1
7
56N
3B
1
HSI3B_CDRRSTb
HSI3B_RECCLK
FIFO3B_FIFORSTb
R3
BK7_IO2
7
57P
3B
2
HSI3B_SYDT
5
HSI3B_RXD9/TXD9
FIFO3B_DIN9/DOUT9
P4
BK7_IO3
7
57N
3B
3
-
HSI3B_RXD8/TXD8
FIFO3B_DIN8/DOUT8
T3
BK7_IO4
7
58P
3B
4
HSI3B_SOUTP
HSI3B_RXD7/TXD7
FIFO3B_DIN7/DOUT7
N5
BK7_IO5
7
58N
3B
5
HSI3B_SOUTN
HSI3B_RXD6/TXD6
FIFO3B_DIN6/DOUT6
P5
BK7_IO6
7
59P
3B
6
-
HSI3B_RXD5/TXD5
FIFO3B_DIN5/DOUT5
R4
BK7_IO7
7
59N
3B
7
Note 4
HSI3B_RXD4/TXD4
FIFO3B_DIN4/DOUT4
T4
BK7_IO8
7
60P
3B
8
-
HSI3B_RXD3/TXD3
FIFO3B_DIN3/DOUT3
R5
BK7_IO9
7
60N
3B
9
-
HSI3B_RXD2/TXD2
FIFO3B_DIN2/DOUT2
P6
BK7_IO10
7
61P
3B
10
HSI3B_SINP
HSI3B_RXD1/TXD1
FIFO3B_DIN1/DOUT1
N7
BK7_IO11
7
61N
3B
11
HSI3B_SINN
HSI3B_RXD0/TXD0
FIFO3B_DIN0/DOUT0
P7
GND
7
-
-
-
-
-
GND
BK7_IO12
7
62P
3B
12
-
HSI3B_SYDT
5
FIFO3B_ EMPTY
R6
BK7_IO13
7
62N
3B
13
-
-
-
T6
BK7_IO14
7
63P
3B
14
-
-
-
R7
BK7_IO15
7
63N
3B
15
-
-
FIFO3B_FULL
T7
1. The signals in this column route to/from the assigned pins of the associated I/O cell.
2. The signals in this column use the I/O cell. If a receiver signal is present in the I/O cell, the associated pin is available for output only. When
transmit data (TXD) is present in the cell, the associated pin is available for input only.
3. The DOUT outputs are routed to GRP through the input register of the cell and the DIN inputs are routed direct from the associated pins in
FIFO only mode. In SERDES with FIFO mode, the FULL and EMPTY flags are routed to the associated pins through the output MUX and
the pins.
4. If the Source Synchronous Receiver is used in the HSI Block, this pin is unavailable for another use and must be left unconnected.
5. The SYDT signal has two routing options. If direct output through the dedicated pin is used, the I/O cell (the whole HSI Block) is not avail-
able for transmitter. The SYDT in the I/O Cell column is routed to the GRP through the input register of the cell and frees the I/O cell for
transmitter.
6. FIFO_STRDb flag output is used in SERDES with FIFO Mode only.
7. sysHSI Source Synchronous Receive Mode is not available for channel 1A.
ispGDX2-128 Logic Signal Connections (Continued)
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
208
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com