Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 37 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 37 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 33Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 34Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 35Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 36Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 37Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 38Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 39Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 40Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
37
LVPECL_out
Using LVPECL Differential
Signaling
—
0.30
—
0.30
—
0.30
—
0.30
ns
LVDS_out
Using Low Voltage Differen-
tial Signaling (LVDS)
—
0.80
—
0.80
—
0.80
—
0.80
ns
PCI_out
Using PCI Standard
—
0.60
—
0.60
—
0.60
—
0.60
ns
PCI_X_out
Using PCI-X Standard
—
0.60
—
0.60
—
0.60
—
0.60
ns
SSTL2_I_out
Using SSTL 2.5V, Class I
—
0.30
—
0.30
—
0.30
—
0.30
ns
SSTL2_II_out
Using SSTL 2.5V, Class II
—
0.50
—
0.50
—
0.50
—
0.50
ns
SSTL3_I_out
Using SSTL 3.3V, Class I
—
0.20
—
0.20
—
0.20
—
0.20
ns
SSTL3_II_out
Using SSTL 3.3V, Class II
—
0.40
—
0.40
—
0.40
—
0.40
ns
tIOI Input Adjusters
LVTTL_in
Using 3.3V TTL
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVCMOS_18_in
Using 1.8V CMOS
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVCMOS_25_in
Using 2.5V CMOS
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVCMOS_33_in
Using 3.3V CMOS
—
0.00
—
0.00
—
0.00
—
0.00
ns
AGP_1X_in
Using AGP 1x
—
1.00
—
1.00
—
1.00
—
1.00
ns
BLVDS_in
Using Bus Low Voltage Differ-
ential Signaling (BLVDS)
—
0.50
—
0.50
—
0.50
—
0.50
ns
CTT25_in
Using CTT 2.5V
—
1.00
—
1.00
—
1.00
—
1.00
ns
CTT33_in
Using CTT 3.3V
—
1.00
—
1.00
—
1.00
—
1.00
ns
GTL+_in
Using GTL+
—
0.50
—
0.50
—
0.50
—
0.50
ns
HSTL_I_in
Using HSTL 2.5V, Class I
—
0.50
—
0.50
—
0.50
—
0.50
ns
HSTL_III_in
Using HSTL 2.5V, Class III
—
0.60
—
0.60
—
0.60
—
0.60
ns
HSTL_IV_in
Using HSTL 2.5V, Class IV
—
0.60
—
0.60
—
0.60
—
0.60
ns
LVPECL_in
Using Differential Signaling
(LVPECL)
—
0.00
—
0.00
—
0.00
—
0.00
ns
LVDS_in
Using Low Voltage Differen-
tial Signaling (LVDS)
—
0.50
—
0.50
—
0.50
—
0.50
ns
PCI_in
Using PCI
—
1.00
—
1.00
—
1.00
—
1.00
ns
PCI_X_in
Using PCI-X
—
1.00
—
1.00
—
1.00
—
1.00
ns
SSTL2_I_in
Using SSTL 2.5V, Class I
—
0.50
—
0.50
—
0.50
—
0.50
ns
SSTL2_II_in
Using SSTL 2.5V, Class II
—
0.50
—
0.50
—
0.50
—
0.50
ns
SSTL3_I_in
Using SSTL 3.3V, Class I
—
0.60
—
0.60
—
0.60
—
0.60
ns
SSTL3_II_in
Using SSTL 3.3V, Class II
—
0.60
—
0.60
—
0.60
—
0.60
ns
Timing v.2.2
ispGDX2V/B/C, ispGDX2EV/EB/EC Timing Adjusters (Continued)
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com