Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 41 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 41 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 37Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 38Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 39Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 40Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 41Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 42Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 43Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 44Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 45Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
41
Deserializer Timing
Lock-in Timing
Symbol
Description
Mode
Conditions
Min.
Max.
Units
fDSIN
SIN Frequency Deviation from REFCLK
8B10B/
10B12B
-100
100
ppm
eoSIN
SIN Eye Opening Tolerance
All
Notes 1, 2
0.45
UIPP
ber
Bit Error Rate
All
10
-12
Bits
tHSIOUTVALIDPRE
RXD, SYDT Valid Time Before RECCLK Fall-
ing Edge
All
Note 3
tRCP/2 - 0.7
ns
tHSIOUTVALIDPOST
RXD, SYDT Valid Time
After RECCLK Falling Edge
All
Note 3
tRCP/2 - 0.7
ns
tDSIN
Bit 0 of SIN Delay to RXD Valid at RECCLK
Falling edge
All
1.5 tRCP +
4.5Bt + 2
1.5 tRCP +
4.5Bt + 10
ns
1. Eye opening based on jitter frequency of 100KHz.
2. Lower frequency operation assumes maximum eye closure of 800ps.
3. Internal timing for reference only.
TRAINING SEQUENCE
SS MODE DATA TRANSFER
SIN
CAL
SYDT
RXD(0:7)
CDRX_SS LOCK-IN (DE-SKEW) TIMING
DATA (SERIAL)
MIN. 1200 SYNCPAT
MIN. 1100 LS CYCLE
SYNCPAT
DATA (PARALLEL)
t
SUSYNC
t
HDSYNC
SIN
SYDT
RXD(0:9)
CDR_10B12B LOCK-IN TIMING
DATA (SERIAL)
1024 SYNCPAT
SYNCPAT
DATA (PARALLEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com