Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 27 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 27 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 23Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 24Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 25Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 26Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 27Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 28Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 29Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 30Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 31Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
27
ispGDX2V/B/C, ispGDX2EV/EB/EC External Switching Characteristics
Over Recommended Operating Conditions
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Output Paths
tPD
Data From Input Pin to Output Pin
—
3.0
—
3.2
—
3.5
—
5.0
ns
tPD_SEL
Data From Global Select Pin to Output Pin
—
2.8
—
3.0
—
3.3
—
4.7
ns
tCO
Global Clock to Output
—
2.9
—
3.1
—
3.2
—
5.4
ns
tOPS
Set-up Time Before Global Clock
2.0
—
2.0
—
2.0
—
3.0
—
ns
tOPH
Hold Time After Global Clock
0.0
—
0.0
—
0.0
—
0.0
—
ns
tOPCES
PT Clock Enable Setup Time Before
Global Clock
3.0
—
3.0
—
4.1
—
6.9
—
ns
tOPCEH
PT Clock Enable Hold Time After
Global Clock
0.0
—
0.0
—
0.0
—
0.0
—
ns
tOPRSTO
External Reset Pin to Output Delay
—
5.3
—
6.0
—
6.0
—
10.0
ns
Input Paths
tIPS
Set-up Time Before Global Clock
0.5
—
0.5
—
0.5
—
0.9
—
ns
tIPSZ
Set-up Time Before Global Clock
(Zero Hold Time)
2.0
—
2.0
—
2.0
—
3.0
—
ns
tIPH
Hold Time After Global Clock
1.0
—
1.0
—
1.0
—
1.7
—
ns
tIPHZ
Hold Time After Global Clock
(Zero Hold Time)
0.0
—
0.0
—
0.0
—
0.0
—
ns
tIPCES
PT Clock Enable Setup Time Before
Global Clock
3.1
—
3.1
—
3.1
—
5.1
—
ns
tIPCEH
PT Clock Enable Hold Time After Global
Clock
0.0
—
0.0
—
0.0
—
0.0
—
ns
tIPRSTO
External Reset Pin to Output Delay
—
5.6
—
6.5
—
7.5
—
12.5
ns
Output Enable Paths
tOECO
Global Clock to Output Enabled Pin
—
4.2
—
4.5
—
5.5
—
9.1
ns
tOES
Output Enable Register Set-up Time
Before Global Clock
1.6
—
1.6
—
2.0
—
3.4
—
ns
tOEH
Hold Time After Global Clock
0.0
—
0.0
—
0.0
—
0.0
—
ns
tOECES
PT Clock Enable Setup Time Before
Global Clock
3.5
—
3.5
—
4.1
—
6.9
—
ns
tOECEH
PT Clock Enable Hold Time After Global
Clock
0.0
—
0.0
—
0.0
—
0.0
—
ns
tGOE/DIS
Global OE Input to Output Enable/Disable
—
3.5
—
3.8
—
4.5
—
7.5
ns
tTOE/DIS
Test OE Input to Output Enable/Disable
—
5.2
—
5.5
—
6.2
—
10.3
ns
tEN/DIS
Input to Output Enable/Disable
—
5.2
—
5.5
—
6.2
—
10.3
ns
Clock and Reset Paths
tRW
Width of Reset Pulse
2.5
—
2.5
—
2.5
—
4.1
—
ns
tCW
Clock Width
1.3
—
1.5
—
1.6
—
2.7
—
ns
tGW
Clock Width
1.5
—
1.6
—
1.6
—
2.7
—
ns
fMAX (Ext)
Clock Frequency with External
Feedback 1/(tOPS + tCO)
—
204
—
196
—
192
—
119
MHz
fMAX (Tog,
No PLL)
Clock Frequency Maximum Toggle
(No PLL)
—
360
—
330
—
300
—
180
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com