Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 44Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 45Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 46Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 47Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 48Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 49Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 50Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 51Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
48
Power Consumption (Continued)
Power consumption in the ispGDX2 family is the sum of three components:
ICC-TOTAL = ICORE + IPLL + IHSI (ICC-TOTAL combines current supplied via VCC pins and VCCP pins)
ICORE =IDC + IREF + IIN
= Blank chip background current
+ KREF * Number of Banks with VREF active
+ (KIN * Number of inputs + KCORE) * Average Input Switching Frequency (MHz)
IPLL
=IPLL_D + IPLL_A
=[KPLLD * FVCO * Number of PLLs used] + [KPLLA * FVCO * Number of PLLs used]
= [(KPLLD + KPLLA) * FVCO] * Number of PLLs used
IHSI
=IRX + ITX
= [(KRXD + KRXA) * FRX + IRXSTBY] * Number of Receiver Channels
+ [(KTXD + KTXA) * FTX + ITXSTBY] * Number of Transmitter Channels
Where:
FVCO: sysClock PLL VCO Frequency in MHz
FRX:
sysHSI Receiver Serial Data Rate
FTX:
sysHSI Transmitter Serial Data Rate
IHSI can also be determined by calculating IHSI_D, the current supplied by the VCC pin, and IHSI_A, the current sup-
plied by the VCCP0 and VCCP1.
IHSI
=IHSI_D + IHSI_A
= [(KRXD * FRX + IRXSTBY)* Number of Receiver Channels
+ (KTXD * FTX + ITXSTBY) * Number of Transmitter Channels]
+[(KRXA * FRX) * Number of Receiver Channels
+ (KTXA * FTX) * Number of Transmitter Channels]
The ICCP is supplied through VCCP0 and VCCP1 pins for PLL and sysHSI analog portion. The equation for ICCP can
be derived from the equations below.
ICCP
=IPLL_A + IHSI_A
= [(KPLLA * FVCO) * Number of PLLs used]
+ [(KRXA * FRX) * Number of Receiver Channels
+ (KTXA * FTX) * Number of Transmitter Channels]
Where:
IPLL_A: PLL Analog Portion Current
IHSI_A: HSI Analog Portion Current
Note: For further information about the use of these coefficients, refer to Technical Note TN1034, Power Estimation
in the ispGDX2 Family.
ICC-TOTAL estimates are based on typical conditions. These values are for estimates only. Since the value of ICC-
TOTAL is sensitive to operating conditions and the program in the device, the actual current should be verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com