Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 60Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 61Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 62Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 63Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 64Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 65Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 66Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 67Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
64
BK4_IO21/
VREF4
4
74P
5A
5
HSI5A_SOUTP
HSI5A_RXD9/TXD9
FIFO5A_DIN9/DOUT9
F8
BK4_IO22
4
75N
5A
6
-
HSI5A_RXD8/TXD8
FIFO5A_DIN8/DOUT8
D7
BK4_IO23
4
75P
5A
7
-
HSI5A_RXD7/TXD7
FIFO5A_DIN7/DOUT7
D6
BK4_IO24
4
76N
5A
8
HSI5A_SYDT
5
HSI5A_RXD6/TXD6
FIFO5A_DIN6/DOUT6
A6
BK4_IO25
4
76P
5A
9
-
HSI5A_RXD5/TXD5
FIFO5A_DIN5/DOUT5
A5
BK4_IO26
4
77N
5A
10
HSI5A_SINN
HSI5A_RXD4/TXD4
FIFO5A_DIN4/DOUT4
G9
BK4_IO27
4
77P
5A
11
HSI5A_SINP
HSI5A_RXD3/TXD3
FIFO5A_DIN3/DOUT3
G8
BK4_IO28
4
78N
5A
12
-
HSI5A_RXD2/TXD2
FIFO5A_DIN2/DOUT2
C5
BK4_IO29
4
78P
5A
13
Note 4
HSI5A_RXD1/TXD1
FIFO5A_DIN1/DOUT1
B5
BK4_IO30
4
79N
5A
14
-
HSI5A_RXD0/TXD0
FIFO5A_DIN0/DOUT0
D5
BK4_IO31
4
79P
5A
15
-
HSI5A_SYDT
5
FIFO5A_FULL
C4
GND
4
-
-
-
-
-
GND
GOE1
-
-
-
-
-
B4
TMS
-
-
-
-
-
-
A4
GND
5
-
-
-
-
-
GND
BK5_IO0
5
80P
4B
0
-
-
FIFO4B_EMPTY
D2
BK5_IO1
5
80N
4B
1
-
-
-
D3
BK5_IO2
5
81P
4B
2
FIFO4B_STRDb
6
--
F5
BK5_IO3
5
81N
4B
3
HSI4B_CDRRSTb
HSI4B_RECCLK
FIFO4B_FIFORSTb
E4
BK5_IO4
5
82P
4B
4
HSI4B_SINP
HSI4B_RXD9/TXD9
FIFO4B_DIN9/DOUT9
J7
BK5_IO5
5
82N
4B
5
HSI4B_SINN
HSI4B_RXD8/TXD8
FIFO4B_DIN8/DOUT8
J6
BK5_IO6
5
83P
4B
6
HSI4B_SYDT
5
HSI4B_RXD7/TXD7
FIFO4B_DIN7/DOUT7
D1
BK5_IO7
5
83N
4B
7
-
HSI4B_RXD6/TXD6
FIFO4B_DIN6/DOUT6
E1
BK5_IO8
5
84P
4B
8
-
HSI4B_RXD5/TXD5
FIFO4B_DIN5/DOUT5
F4
BK5_IO9
5
84N
4B
9
HSI4_CSLOCK
HSI4_RXD4/TXD4
FIFO4B_DIN4/DOUT4
E3
BK5_IO10/
VREF5
5
85P
4B
10
HSI4B_SOUTP
HSI4B_RXD3/TXD3
FIFO4B_DIN3/DOUT3
H7
BK5_IO11
5
85N
4B
11
HSI4B_SOUTN
HSI4B_RXD2/TXD2
FIFO4B_DIN2/DOUT2
H6
GND
5
-
-
-
-
-
-
GND
BK5_IO12
5
86P
4B
12
Note 4
HSI4B_RXD1/TXD1
FIFO4B_DIN1/DOUT1
E2
BK5_IO13
5
86N
4B
13
-
HSI4B_RXD0/TXD0
FIFO4B_DIN0/DOUT0
F2
BK5_IO14
5
87P
4B
14
-
HSI4B_SYDT
5
-G4
BK5_IO15
5
87N
4B
15
-
-
FIFO4B_FULL
H5
BK5_IO16
5
88P
5B
0
-
-
FIFO5B_EMPTY
F1
BK5_IO17
5
88N
5B
1
FIFO5B_STRDb
6
--
G1
BK5_IO18
5
89P
5B
2
HSI5B_CDRRSTb
HSI5B_RECCLK
FIFO5B_FIFORSTb
G3
BK5_IO19
5
89N
5B
3
HSI5B_SYDT
5
HSI5B_RXD9/TXD9
FIFO5B_DIN9/DOUT9
G2
GND
5
-
-
-
-
-
-
GND
BK5_IO20
5
90P
5B
4
HSI5B_SOUTP
HSI5B_RXD8/TXD8
FIFO5B_DIN8/DOUT8
K7
BK5_IO21
5
90N
5B
5
HSI5B_SOUTN
HSI5B_RXD7/TXD7
FIFO5B_DIN7/DOUT7
K6
BK5_IO22
5
91P
5B
6
-
HSI5B_RXD6/TXD6
FIFO5B_DIN6/DOUT6
H4
BK5_IO23
5
91N
5B
7
-
HSI5B_RXD5/TXD5
FIFO5B_DIN5/DOUT5
H3
BK5_IO24
5
92P
5B
8
Note 4
HSI5B_RXD4/TXD4
FIFO5B_DIN4/DOUT4
H1
BK5_IO25
5
92N
5B
9
HSI5_CSLOCK
HSI5B_RXD3/TXD3
FIFO5B_DIN3/DOUT3
H2
BK5_IO26
5
93P
5B
10
HSI5B_SINP
HSI5B_RXD2/TXD2
FIFO5B_DIN2/DOUT2
J5
BK5_IO27
5
93N
5B
11
HSI5B_SINN
HSI5B_RXD1/TXD1
FIFO5B_DIN1/DOUT1
K5
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com