Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 56 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 56 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 52Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 53Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 54Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 55Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 56Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 57Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 58Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 59Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 60Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
56
ispGDX2-128 Logic Signal Connections
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
208
fpBGA
TOE
-
-
-
-
-
-
P8
BK0_IO0
0
0N
0A
0
-
-
FIFO0A_FULL
P9
BK0_IO1
0
0P
0A
1
-
-
-
T10
BK0_IO2 / PLL_LOCK2 /
PLL_RST2
0
1N
0A
2
-
-
-
R10
BK0_IO3
0
1P
0A
3
-
HSI0A_SYDT
5
FIFO0A_ EMPTY
T11
GND
0
-
-
-
-
-
GND
BK0_IO4
0
2N
0A
4
HSI0A_SINN
HSI0A_RXD0/TXD0
FIFO0A_DIN0/DOUT0
P10
BK0_IO5
0
2P
0A
5
HSI0A_SINP
HSI0A_RXD1/TXD1
FIFO0A_DIN1/DOUT1
N10
BK0_IO6
0
3N
6
-
HSI0A_RXD2/TXD2
FIFO0A_DIN2/DOUT2
R11
BK0_IO7
0
3P
0A
7
-
HSI0A_RXD3/TXD3
FIFO0A_DIN3/DOUT3
T13
BK0_IO8
0
4N
0A
8
Note 4
HSI0A_RXD4/TXD4
FIFO0A_DIN4/DOUT4
P11
BK0_IO9 / PLL_FB2
0
4P
0A
9
-
HSI0A_RXD5/TXD5
FIFO0A_DIN5/DOUT5
R12
BK0_IO10
0
5N
0A
10
HSI0A_SOUTN
HSI0A_RXD6/TXD6
FIFO0A_DIN6/DOUT6
P12
BK0_IO11
0
5P
0A
11
HSI0A_SOUTP
HSI0A_RXD7/TXD7
FIFO0A_DIN7/DOUT7
N12
GND
0
-
-
-
-
-
GND
BK0_IO12
0
6N
0A
12
-
HSI0A_RXD8/TXD8
FIFO0A_DIN8/DOUT8
T14
BK0_IO13
0
6P
0A
13
HSI0A_SYDT
5
HSI0A_RXD9/TXD9
FIFO0A_DIN9/DOUT9
R13
BK0_IO14
0
7N
0A
14
HSI0A_CDRRSTb
HSI0A_RECCLK
FIFO0A_FIFORSTb
T15
BK0_IO15 / VREF0
0
7P
0A
15
FIFO0A_STRDb
6
-
-
P13
GOE3
-
-
-
-
-
-
T9
TDO
-
-
-
-
-
-
R16
GND
1
-
-
-
-
-
GND
BK1_IO0 / VREF1
1
8P
0B
0
-
HSI0B_SYDT
5
FIFO0B_FULL
N14
BK1_IO1
1
8N
0B
1
-
HSI0B_RXD0/TXD0
FIFO0B_DIN0/DOUT0
P15
BK1_IO2
1
9P
0B
2
Note 4
HSI0B_RXD1/TXD1
FIFO0B_DIN1/DOUT1
N15
BK1_IO3
1
9N
0B
3
-
HSI0B_RXD2/TXD2
FIFO0B_DIN2/DOUT2
L14
BK1_IO4
1
10P
0B
4
HSI0B_SOUTP
HSI0B_RXD3/TXD3
FIFO0B_DIN3/DOUT3
M14
BK1_IO5
1
10N
0B
5
HSI0B_SOUTN
HSI0B_RXD4/TXD4
FIFO0B_DIN4/DOUT4
M13
BK1_IO6
1
11P
0B
6
HSI0_CSLOCK
HSI0B_RXD5/TXD5
FIFO0B_DIN5/DOUT5
M15
BK1_IO7
1
11N
0B
7
HSI0B_SYDT
5
HSI0B_RXD6/TXD6
FIFO0B_DIN6/DOUT6
L15
BK1_IO8
1
12P
0B
8
-
HSI0B_RXD7/TXD7
FIFO0B_DIN7/DOUT7
P16
BK1_IO9
1
12N
0B
9
-
HSI0B_RXD8/TXD8
FIFO0B_DIN8/DOUT8
N16
BK1_IO10
1
13P
0B
10
HSI0B_SINP
HSI0B_RXD9/TXD9
FIFO0B_DIN9/DOUT9
K14
BK1_IO11
1
13N
0B
11
HSI0B_SINN
HSI0B_RECCLK
-
K13
GND
1
-
-
-
-
-
GND
BK1_IO12
1
14P
0B
12
FIFO0B_STRDb
6
-
-
K15
BK1_IO13
1
14N
0B
13
HSI0B_CDRRSTb
-
FIFO0B_FIFORSTb
L16
BK1_IO14
1
15P
0B
14
SS_CLKIN1P
-
-
J14
BK1_IO15 / CLK_OUT2
1
15N
0B
15
SS_CLKIN1N
-
FIFO0B_ EMPTY
J13
GCLK/CE2
-
-
-
-
-
-
N8
SEL2
-
-
-
-
-
-
K16
SEL3
-
-
-
-
-
-
G16
GCLK/CE3
-
-
-
-
-
-
N9
BK2_IO0
2
16N
1A
7
0
SS_CLKOUT1N
-
FIFO1A_FULL
H13
BK2_IO1
2
16P
1A
7
1
SS_CLKOUT1P
-
-
H14
BK2_IO2
2
17N
1A
7
2
-
HSI1A_SYDT
5
-
G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com