Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 113Page - Renesas Technology Corp 7641 Datasheet HTML 114Page - Renesas Technology Corp 7641 Datasheet HTML 115Page - Renesas Technology Corp 7641 Datasheet HTML 116Page - Renesas Technology Corp 7641 Datasheet HTML 117Page - Renesas Technology Corp 7641 Datasheet HTML 118Page - Renesas Technology Corp 7641 Datasheet HTML 119Page - Renesas Technology Corp 7641 Datasheet HTML 120Page - Renesas Technology Corp 7641 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 117 of 135
REJ03B0191-0400
Fig. 97 Pin connection diagram in standard serial I/O mode (2)
P74/OBF1
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P61/DQ1
P87/RTS1
P86/CTS1
P85/URXD1
P84/UTXD1
P32
P31
M37641F8HP
P60/DQ0
21
22
23
24
P41/INT0
61
62
63
64
P83/RTS2/STXD
P82/CTS2/SRXD
P81/URXD2/SCLK
P80/UTXD2/SRDY
P37/RD
P36/WR
P35/SYNCOUT
P34/
φOUT
P33/DMAOUT
P30/RDY
P17/AB15{AD15}
P16/AB14{AD14}
P21/DB1
P20/DB0
USB D+
USB D-
Ext.Cap
VSS
VCC
P67/DQ7
P66/DQ6
P65/DQ5
P64/DQ4
P63/DQ3
P62/DQ2
P40/EDMA
P71/HOLD
P70/SOF
P72/S1
P73/IBF1/HLDA
VCC
VSS
CNVSS
SCLK
RESET
CE
Mode setup method
Signal
Value
Connect to oscillator circuit.
Package outline: PLQP0080KB-A
BUSY
SCLK
SRXD
STXD
4.5 to 5.25 V
VCC (Note)
VSS
→ VCC
VCC
Note: It is necessary to apply Vcc only when reset is released.
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com