Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 7641
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 115Page - Renesas Technology Corp 7641 Datasheet HTML 116Page - Renesas Technology Corp 7641 Datasheet HTML 117Page - Renesas Technology Corp 7641 Datasheet HTML 118Page - Renesas Technology Corp 7641 Datasheet HTML 119Page - Renesas Technology Corp 7641 Datasheet HTML 120Page - Renesas Technology Corp 7641 Datasheet HTML 121Page - Renesas Technology Corp 7641 Datasheet HTML 122Page - Renesas Technology Corp 7641 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 138 page
background image
7641 Group
Rev.4.00
Aug 28, 2006
page 119 of 135
REJ03B0191-0400
qRead Status Register Command
This command reads status information. When the “7016” com-
mand code is transferred with the 1st byte, the contents of the
status register (SRD) with the 2nd byte and the contents of status
register 1 (SRD1) with the 3rd byte are read.
qPage Read Command
This command reads the specified page (256 bytes) in the flash
memory sequentially one byte at a time. Execute the page read
command as explained here following.
(1) Transfer the “FF16” command code with the 1st byte.
(2) Transfer addresses AB8 to AB15 and AB16 to AB23 with the 2nd
and 3rd bytes respectively.
(3) From the 4th byte onward, data (DB0 to DB7) for the page (256
bytes) specified with addresses AB8 to AB23 will be output se-
quentially from the smallest address first synchronized with the
fall of the clock.
data0
data255
AB8 to
AB15
AB16 to
AB23
FF16
SCLK
SRXD
STXD
SRDY (BUSY)
SRD
output
SRD1
output
SCLK
SRXD
STXD
SRDY (BUSY)
7016
Fig. 98 Timing for page read
Fig. 99 Timing for reading status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com