Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 405Page - Renesas Technology Corp SH7101 Datasheet HTML 406Page - Renesas Technology Corp SH7101 Datasheet HTML 407Page - Renesas Technology Corp SH7101 Datasheet HTML 408Page - Renesas Technology Corp SH7101 Datasheet HTML 409Page - Renesas Technology Corp SH7101 Datasheet HTML 410Page - Renesas Technology Corp SH7101 Datasheet HTML 411Page - Renesas Technology Corp SH7101 Datasheet HTML 412Page - Renesas Technology Corp SH7101 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 375 of 522
REJ09B0069-0100
Table 13.2
Initial Values of TBRU to TBRW and Initial Output
Initial Output
Initial Value of TBRU to TBRW
OLSP = 1, OLSN = 1
OLSP = 0, OLSN = 0
TBR = H'0000
Positive phase: 1
Negative phase: 0
Positive phase: 0
Negative phase: 1
H'0000 < TBR
≤ Td
Positive phase: 0
Negative phase: 0
Positive phase: 1
Negative phase: 1
Td < TBR
≤ H'FFFF – 2Td
Positive phase: 0
Negative phase: 1
Positive phase: 1
Negative phase: 0
(9) PWM Output Generation in Operating Modes
In the operating modes, a three-phase PWM waveform is output with a non-overlap relationship
between the positive and negative phases. This non-overlap time is called the dead time.
The PWM waveform is generated from an output generation waveform generated by ANDing the
compare output waveform with the dead time generation waveform. Waveform generation for one
phase (the U-phase) is shown here. The V-phase and W-phase waveforms are generated in the
same way.
(a) Compare Output Waveform
The compare output waveform is generated by comparing the values in TCNT and TGR.
For compare output waveform U phase A (CMOUA), 0 is output if TGRUU > TCNT in the T1
interval (when TCNT is counting up), and 1 is output if TGRUU
≤ TCNT. In the T2 interval
(when TCNT is counting down), 0 is output if TGRU > TCNT, and 1 is output if TGRU
≤ TCNT.
For compare output waveform U phase B (CMOUB), 1 is output if TGRU > TCNT in the T1
interval, and 0 is output if TGRU
≤ TCNT. In the T2 interval, 1 is output if TGRUD > TCNT, and
0 is output if TGRUD
≤ TCNT.
(b) Dead Time Generation Waveform
For dead time generation waveform U phases A (DTGUA) and B (DTGUB), 1 is output as the
initial value.
TDCNT0 starts counting at the falling edge of CMOUA. DTGUA outputs 0 if TDCNT0 is
counting, and 1 otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com