Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 223Page - Renesas Technology Corp SH7021 Datasheet HTML 224Page - Renesas Technology Corp SH7021 Datasheet HTML 225Page - Renesas Technology Corp SH7021 Datasheet HTML 226Page - Renesas Technology Corp SH7021 Datasheet HTML 227Page - Renesas Technology Corp SH7021 Datasheet HTML 228Page - Renesas Technology Corp SH7021 Datasheet HTML 229Page - Renesas Technology Corp SH7021 Datasheet HTML 230Page - Renesas Technology Corp SH7021 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 509 page
background image
210 RENESAS
Number of states of
DMAC bus cycle
: Bus cycle of DMAC
Sampling point
1
2
3
4
Figure 9.16 Sampling Points of DREQ
Especially as shown in Figure 9.17, if the bus cycle of DMA is a full access to DRAM or if
refresh demand is generated, sampling of
DREQ takes place before DACK is output as
mentioned above. This phenomenon is found when one of the following transfers is made with
DREQ set to the level detection in the DMA cycle steal mode, in a system which employs
DRAM (refresh enabled).
Sampling point
When refresh operation is entered
Sampling point of DREQ for DACK output position
differs with presence/absence of the refresh operation.
Refresh
T1
T2
Tr
Tp
Tc
CK
DACK
Sampling point
Bus cycle of DRAM
(Full access)
Figure 9.17 Example of DREQ Sampling before Output of DACK
• Transfer from a device having DACK to memory in the single address mode (not
restricted to DRAM)
• Transfer from DRAM to a device having DACK in the single address mode
• Output at DACK write in the dual address mode
Output at DACK read in the dual address mode and DMA transfer using DRAM as a
source
•
Countermeasure
To prevent unnecessary DMA transfers, configure the system where
DREQ is used for edge
detection and the edge corresponding to the next transfer request occurs after the DACK
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com