Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 227Page - Renesas Technology Corp SH7021 Datasheet HTML 228Page - Renesas Technology Corp SH7021 Datasheet HTML 229Page - Renesas Technology Corp SH7021 Datasheet HTML 230Page - Renesas Technology Corp SH7021 Datasheet HTML 231Page - Renesas Technology Corp SH7021 Datasheet HTML 232Page - Renesas Technology Corp SH7021 Datasheet HTML 233Page - Renesas Technology Corp SH7021 Datasheet HTML 234Page - Renesas Technology Corp SH7021 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 509 page
background image
RENESAS 215
Table 10.1
ITU Functions
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Counter clocks
Internal:
φ, φ/2, φ/4, φ/8
External: Independently selectable from TCLKA, TCLKB, TCLKC, and TCLKD
General registers
(output compare/
input capture dual
registers)
GRA0, GRB0
GRA1, GRB1
GRA2, GRB2
GRA3, GRB3
GRA4, GRB4
Buffer registers
No
No
No
BRA3, BRB3
BRA4, BRB4
Input/output pins
TIOCA0,
TIOCB0
TIOCA1,
TIOCB1
TIOCA2,
TIOCB2
TIOCA3,
TIOCB3
TIOCA4,
TIOCB4
Output pins
No
No
No
No
TOCXA4,
TOCXB4
Counter clear func-
tion (compare mat-
ch or input capture)
GRA0/GRB0
GRA1/GRB1
GRA2/GRB2
GRA3/GRB3
GRA4/GRB4
Compare 0
Yes
Yes
Yes
Yes
Yes
match
1
Yes
Yes
Yes
Yes
Yes
output
Toggle
output
Yes
Yes
No
Yes
Yes
Input capture
function
Yes
Yes
Yes
Yes
Yes
Synchronization
Yes
Yes
Yes
Yes
Yes
PWM mode
Yes
Yes
Yes
Yes
Yes
Reset-synchronized
PWM mode
No
No
No
Yes
Yes
Complementary
PWM mode
No
No
No
Yes
Yes
Phase counting
mode
No
No
Yes
No
No
Buffer operation
No
No
No
Yes
Yes
DMAC activation
GRA0 com-
pare match or
input capture
GRA1 com-
pare match or
input capture
GRA2 com-
pare match or
input capture
GRA3 com-
pare match or
input capture
No
Interrupt sources
(three)
• Compare
match/input
capture A0
• Compare
match/input
capture B0
• Overflow
• Compare
match/input
capture A1
• Compare
match/input
capture B1
• Overflow
• Compare
match/input
capture A2
• Compare
match/input
capture B2
• Overflow
• Compare
match/input
capture A3
• Compare
match/input
capture B3
• Overflow
• Compare
match/input
capture A4
• Compare
match/input
capture B4
• Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com