Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 225Page - Renesas Technology Corp SH7021 Datasheet HTML 226Page - Renesas Technology Corp SH7021 Datasheet HTML 227Page - Renesas Technology Corp SH7021 Datasheet HTML 228Page - Renesas Technology Corp SH7021 Datasheet HTML 229Page - Renesas Technology Corp SH7021 Datasheet HTML 230Page - Renesas Technology Corp SH7021 Datasheet HTML 231Page - Renesas Technology Corp SH7021 Datasheet HTML 232Page - Renesas Technology Corp SH7021 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 509 page
background image
RENESAS 213
Section 10 16-Bit Integrated-Timer Pulse Unit (ITU)
10.1
Overview
The SuperH microcomputer has an on-chip 16-bit integrated-timer pulse unit (ITU) with five
channels of 16-bit timers.
10.1.1
Features
ITU features are listed below:
•
Can process a maximum of twelve different pulse outputs and ten different pulse inputs.
•
Has ten general registers (GR), two per channel, that can be set to function independently as
output compare or input capture.
•
Selection of eight counter input clock sources for all channels
 Internal clock: φ, φ/2, φ/4, φ/8,
 External clock: TCLKA, TCLKB, TCLKC, TCLKD
•
All channels can be set for the following operating modes:
 Compare match waveform output: 0 output/1 output/selectable toggle output (0 output/1
output for channel 2).
 Input capture function: Selectable rising edge, falling edge, or both rising and falling edges.
 Counter clearing function: Counters can be cleared by a compare match or input capture.
 Synchronizing mode: Two or more timer counters (TCNT) can be written to
simultaneously. Two or more timer counters can be simultaneously cleared by a compare
match or input capture. Counter synchronization functions enable synchronized
input/output.
 PWM mode: PWM output can be provided with any duty cycle. When combined with the
counter synchronizing function, enables up to five-phase PWM output.
•
Channel 2 can be set to the phase counting mode: Two-phase encoder output can be counted
automatically.
•
Channels 3 and 4 can be set in the following modes:
 Reset-synchronized PWM mode: By combining channels 3 and 4, 3-phase PWM output is
possible with positive and negative waveforms .
 Complementary PWM mode: By combining channels 3 and 4, 3-phase PWM output is
possible with non-overlapping positive and negative waveforms.
•
Buffer operation: Input capture registers can be double-buffered. Output compare registers can
be updated automatically.
•
High-speed access via internal 16-bit bus: The TCNT, GR, and buffer register (BR) 16-bit
registers can be accessed at high speed via a 16-bit bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com