Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 224Page - Renesas Technology Corp SH7021 Datasheet HTML 225Page - Renesas Technology Corp SH7021 Datasheet HTML 226Page - Renesas Technology Corp SH7021 Datasheet HTML 227Page - Renesas Technology Corp SH7021 Datasheet HTML 228Page - Renesas Technology Corp SH7021 Datasheet HTML 229Page - Renesas Technology Corp SH7021 Datasheet HTML 230Page - Renesas Technology Corp SH7021 Datasheet HTML 231Page - Renesas Technology Corp SH7021 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 509 page
background image
RENESAS 211
8. When the following operations are performed in the order shown when the pin to which
DREQ
input is assigned is designated as a general input pin by the pin function controller (PFC) and
inputs a low-level signal, the
DREQ falling edge is detected, and a DMA transfer request
accepted, immediately after the setting in (b) is performed:
(a) A channel control register (CHCRn) setting is made so that an interrupt is detected at the
falling edge of
DREQ.
(b) The function of the pin to which
DREQ input is assigned is switched from general input to
DREQ input by a pin function controller (PFC) setting.
Therefore, when switching the pin function from general input pin to
DREQ input, the pin
function controller (PFC) setting should be changed to
DREQ input while the pin to which
DREQ input is assigned is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com