Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
DS680F1
47
CS42L52
5/13/08
6.6.5
DAC Interface Format
Configures the digital interface format for data on SDIN.
Note:
Select the audio word length for Right Justified using the AWL[1:0] bits (“Audio Word Length” on
page 47).
6.6.6
Audio Word Length
Configures the audio sample word length used for the data into SDIN and out of SDOUT.
Note:
When the internal MCLK/LRCK ratio is set to 125 in master mode, the 32-bit data width option
for DSP Mode is not valid unless SCLK=MCLK.
6.7
Interface Control 2 (Address 07h)
6.7.1
SCLK equals MCLK
Configures the SCLK signal source for master mode.
Note:
This bit is only valid for MCLK = 12.0000 MHz.
6.7.2
SDOUT to SDIN Digital Loopback
Configures an internal loops the signal on the SDOUT pin to SDIN.
DACDIF[1:0]
DAC Interface Format
00
Left Justified, up to 24-bit data
01
I²S, up to 24-bit data
10
Right Justified
11
Reserved
Application:
“Digital Interface Formats” on page 36
AWL[1:0]
Audio Word Length
DSP Mode
Right Justified (DAC ONLY)
00
32-bit data
24-bit data
01
24-bit data
20-bit data
10
20-bit data
18-bit data
11
16-bit data
16-bit data
Application:
“DSP Mode” on page 36
7
6
543
2
1
0
Reserved
SCLK=MCLK
DIGLOOP
3ST_SP
INV_SWCH
BIASLVL2
BIASLVL1
BIASLVL0
SCLK=MCLK
Output SCLK
0
Re-timed signal, synchronously derived from MCLK
1
Non-retimed, MCLK signal
DIGLOOP
Internal Loopback
0
Disabled; SDOUT internally disconnected from SDIN
1
Enabled; SDOUT internally connected to SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com