Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 72Page - Cirrus Logic CS42L52 Datasheet HTML 73Page - Cirrus Logic CS42L52 Datasheet HTML 74Page - Cirrus Logic CS42L52 Datasheet HTML 75Page - Cirrus Logic CS42L52 Datasheet HTML 76Page - Cirrus Logic CS42L52 Datasheet HTML 77Page - Cirrus Logic CS42L52 Datasheet HTML 78Page - Cirrus Logic CS42L52 Datasheet HTML 79Page - Cirrus Logic CS42L52 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
76
DS680F1
CS42L52
5/13/08
8. EXAMPLE SYSTEM CLOCK FREQUENCIES *The”MCLKDIV2” bit must be enabled.
8.1
Auto Detect Enabled
8.2
Auto Detect Disabled
Sample Rate
LRCK (kHz)
MCLK (MHz)
1024x
1536x
2048x*
3072x*
8
8.1920
12.2880
16.3840
24.5760
11.025
11.2896
16.9344
22.5792
33.8688
12
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
512x
768x
1024x*
1536x*
16
8.1920
12.2880
16.3840
24.5760
22.05
11.2896
16.9344
22.5792
33.8688
24
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
256x
384x
512x*
768x*
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
128x
192x
256x*
384x*
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
512x
768x
1024x
1536x
2048x
3072x
8
-
6.1440
8.1920
12.2880
16.3840
24.5760
11.025
-
8.4672
11.2896
16.9344
22.5792
33.8688
12
6.1440
9.2160
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
1536x
16
-
6.1440
8.1920
12.2880
16.3840
24.5760
22.05
-
8.4672
11.2896
16.9344
22.5792
33.8688
24
6.1440
9.2160
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
256x
384x
512x
768x
32
8.1920
12.2880
16.3840
24.5760
44.1
11.2896
16.9344
22.5792
33.8688
48
12.2880
18.4320
24.5760
36.8640
Sample Rate
LRCK (kHz)
MCLK (MHz)
128x
192x
256x
384x
64
8.1920
12.2880
16.3840
24.5760
88.2
11.2896
16.9344
22.5792
33.8688
96
12.2880
18.4320
24.5760
36.8640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com