Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 64Page - Cirrus Logic CS42L52 Datasheet HTML 65Page - Cirrus Logic CS42L52 Datasheet HTML 66Page - Cirrus Logic CS42L52 Datasheet HTML 67Page - Cirrus Logic CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic CS42L52 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 82 page
background image
68
DS680F1
CS42L52
5/13/08
6.33
ALC Release Rate (Address 2Bh)
6.33.1
ALC Release Rate
Sets the rate at which the ALC releases the analog and/or digital attenuation from levels below the
MIN[2:0] threshold (“ALC Minimum Threshold” on page 69) and returns the signal level to the PGAx-
VOL[5:0] (“PGAx Volume” on page 56) and ADCxVOL[7:0] (“ADCx Volume” on page 57) setting.
Notes:
1.
The ALC release rate is user-selectable but is also a function of the sampling frequency, Fs, and the
ANLGSFTx (“Ch. x Analog Soft Ramp” on page 49) and ANLGZCx (“Ch. x Analog Zero Cross” on
page 49) setting.
2.
The Release Rate setting must always be slower than the Attack Rate.
6.34
ALC Threshold (Address 2Ch)
6.34.1
ALC Maximum Threshold
Sets the maximum level, below full scale, at which to limit and attenuate the input signal at the attack rate
(ALCARATE - “ALC Attack Rate” on page 67).
76
543
21
0
Reserved
Reserved
ALCRRATE5
ALCRRATE4
ALCRRATE3
ALCRRATE2
ALCRRATE1
ALCRRATE0
ALCRRATE[5:0]
Release Time
00 0000
Fastest Release
···
···
11 1111
Slowest Release
Application:
“Automatic Level Control (ALC)” on page 27
76
543
21
0
ALCMAX2
ALCMAX1
ALCMAX0
ALCMIN2
ALCMIN1
ALCMIN0
Reserved
Reserved
MAX[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Automatic Level Control (ALC)” on page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com