Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 56Page - Cirrus Logic CS42L52 Datasheet HTML 57Page - Cirrus Logic CS42L52 Datasheet HTML 58Page - Cirrus Logic CS42L52 Datasheet HTML 59Page - Cirrus Logic CS42L52 Datasheet HTML 60Page - Cirrus Logic CS42L52 Datasheet HTML 61Page - Cirrus Logic CS42L52 Datasheet HTML 62Page - Cirrus Logic CS42L52 Datasheet HTML 63Page - Cirrus Logic CS42L52 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
60
DS680F1
CS42L52
5/13/08
6.21.2
Beep On Time
Sets the on duration of the beep signal.
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep on time will scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed
mode.
6.22
Beep Volume & Off Time (Address 1Dh)
6.22.1
Beep Off Time
Sets the off duration of the beep signal.
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep off time will scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed
mode.
ONTIME[3:0]
On Time
(Fs = 12, 24, 48 or 96 kHz)
0000
~86 ms
0001
~430 ms
0010
~780 ms
0011
~1.20 s
0100
~1.50 s
0101
~1.80 s
0110
~2.20 s
0111
~2.50 s
1000
~2.80 s
1001
~3.20 s
1010
~3.50 s
1011
~3.80 s
1100
~4.20 s
1101
~4.50 s
1110
~4.80 s
1111
~5.20 s
Application:
“Beep Generator” on page 30
76
543
21
0
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
OFFTIME[2:0]
Off Time
(Fs = 48 or 96 kHz)
000
~1.23 s
001
~2.58 s
010
~3.90 s
011
~5.20 s
100
~6.60 s
101
~8.05 s
110
~9.35 s
111
~10.80 s
Application:
“Beep Generator” on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com