Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 24Page - Cirrus Logic CS42L52 Datasheet HTML 25Page - Cirrus Logic CS42L52 Datasheet HTML 26Page - Cirrus Logic CS42L52 Datasheet HTML 27Page - Cirrus Logic CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
DS680F1
CS42L52
5/13/08
changes, the level-controlled output may not always be the same but will always fall within the
thresholds.
4.2.3
Noise Gate
The noise gate may be used to mute signal levels that fall below a programmable threshold. This prevents
the ALC from applying gain to noise. A programmable delay may be used to set the minimum time before
the noise gate attacks the signal.
Note:
Maximum noise gate attenuation levels will depend on the gain applied in either the PGA or MIC
pre-amplifier. For example: If both +32 dB pre-amplification and +12 dB programmable gain is applied,
the maximum attenuation that the noise gate achieves will be 52 dB (-96 + 32 + 12) below full-scale.
Referenced Control Register Location
PGAxVOL[5:0
MAX[2:0], MIN[2:0]
“PGAx Vol. & ALCx Transition Ctl.: ALC, PGA A (Address 12h) & ALC, PGA B (Address 13h)” on page 55
“ALC Threshold (Address 2Ch)” on page 68
Referenced Control
Register Location
Noise Gate Controls............ “Noise Gate Control (Address 2Dh)” on page 69
Ou tp u t
(a fte r A L C )
Inpu t (b e fo re A L C )
RRAT E [5 :0 ]
P G A G a in a nd/or
A tte n uator
AL C
Re s p o n s e
MA X [2 :0 ]
ARA T E [5 :0
]
b e lo w fu ll s c a le
MIN [2 :0 ]
belo w fu ll s c ale
M IN [2:0]
b e lo w fu ll s c a le
MA X [2 :0 ]
b e lo w fu ll s c a le
Figure 8. ALC
-96
-40
THRESH[2:0]
-52 dB
Output
(dB)
Input (dB)
N
G
E
N
=1
N
G
E
N
=0
-80 dB
-64 dB
Figure 9. Noise Gate Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com