Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 55Page - Cirrus Logic CS42L52 Datasheet HTML 56Page - Cirrus Logic CS42L52 Datasheet HTML 57Page - Cirrus Logic CS42L52 Datasheet HTML 58Page - Cirrus Logic CS42L52 Datasheet HTML 59Page - Cirrus Logic CS42L52 Datasheet HTML 60Page - Cirrus Logic CS42L52 Datasheet HTML 61Page - Cirrus Logic CS42L52 Datasheet HTML 62Page - Cirrus Logic CS42L52 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
DS680F1
59
CS42L52
5/13/08
6.21
Beep Frequency & On Time (Address 1Ch)
6.21.1
Beep Frequency
Sets the frequency of the beep signal.
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep frequency will scale directly with sample rate, Fs, but is fixed at the nominal Fs within each
speed mode.
7
6
5
432
10
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
FREQ[3:0]
Frequency
(Fs = 12, 24, 48 or 96 kHz)
Pitch
0000
260.87 Hz
C4
0001
521.74 Hz
C5
0010
585.37 Hz
D5
0011
666.67 Hz
E5
0100
705.88 Hz
F5
0101
774.19 Hz
G5
0110
888.89 Hz
A5
0111
1000.00 Hz
B5
1000
1043.48 Hz
C6
1001
1200.00 Hz
D6
1010
1333.33 Hz
E6
1011
1411.76 Hz
F6
1100
1600.00 Hz
G6
1101
1714.29 Hz
A6
1110
2000.00 Hz
B6
1111
2181.82 Hz
C7
Application:
“Beep Generator” on page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com