Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic CS42L52 Datasheet HTML 21Page - Cirrus Logic CS42L52 Datasheet HTML 22Page - Cirrus Logic CS42L52 Datasheet HTML 23Page - Cirrus Logic CS42L52 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
20
DS680F1
CS42L52
5/13/08
LINE OUTPUT VOLTAGE LEVEL CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; measurement bandwidth is 20 Hz
to 20 kHz; Sample Frequency = 48 kHz; Test load RL = 10 kΩ, CL = 10 pF (see Figure 2); “Required Initialization Settings” on
page 37 written on power up.
COMBINED DAC INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
12. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 30 and 33 on
page 78) have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
13. Measurement Bandwidth is from Stopband to 3 Fs.
Parameters
VA = 2.5V
Min
Typ
Max
VA = 1.8V
Min
Typ
Max
Unit
AOUTx Voltage Into RL = 10 kΩ
HP_GAIN[2:0]
Analog
Gain (G)
VHP
000
0.3959
1.8 V
-
1.34
-
-
0.97
-
Vpp
2.5 V
-
1.34
-
-
0.97
-
Vpp
001
0.4571
1.8 V
-
1.55
-
-
1.12
-
Vpp
2.5 V
-
1.55
-
-
1.12
-
Vpp
010
0.5111
1.8 V
-
1.73
-
-
1.25
-
Vpp
2.5 V
-
1.73
-
-
1.25
-
Vpp
011 (default)
0.6047
1.8 V
-
2.05
-
1.41
1.48
1.55
Vpp
2.5 V
1.95
2.05
2.15
-
1.48
-
Vpp
100
0.7099
1.8 V
-
2.41
-
-
1.73
-
Vpp
2.5 V
-
2.41
-
-
1.73
-
Vpp
101
0.8399
1.8 V
-
2.85
-
2.05
Vpp
2.5 V
-
2.85
-
-
2.05
-
Vpp
110
1.0000
1.8 V
-
3.39
-
-
2.44
-
Vpp
2.5 V
-
3.39
-
-
2.44
-
Vpp
111
1.1430
1.8 V
(See (Note 11)
-2.79
-
Vpp
2.5 V
-
3.88
-
-
2.79
-
Vpp
Parameters (Note 12)
Min
Typ
Max
Unit
Frequency Response 10 Hz to 20 kHz
-0.01
-
+0.08
dB
Passband
to -0.05 dB corner
to -3 dB corner
0
0
-
-
0.4780
0.4996
Fs
Fs
StopBand
0.5465
-
-
Fs
StopBand Attenuation (Note 13)
50
-
-
dB
Group Delay
-
9/Fs
-
s
De-emphasis Error
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+1.5/+0
+0.05/-0.25
-0.2/-0.4
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com