Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 61Page - Cirrus Logic CS42L52 Datasheet HTML 62Page - Cirrus Logic CS42L52 Datasheet HTML 63Page - Cirrus Logic CS42L52 Datasheet HTML 64Page - Cirrus Logic CS42L52 Datasheet HTML 65Page - Cirrus Logic CS42L52 Datasheet HTML 66Page - Cirrus Logic CS42L52 Datasheet HTML 67Page - Cirrus Logic CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
DS680F1
65
CS42L52
5/13/08
6.29
Limiter Control 1, Min/Max Thresholds (Address 27h)
6.29.1
Limiter Maximum Threshold
Sets the maximum level, below full scale, at which to limit and attenuate the output signal at the attack
rate (LIMARATE - “Limiter Release Rate” on page 66).
Note:
Bass, Treble, and digital gain settings that boost the signal beyond the maximum threshold may
trigger an attack.
6.29.2
Limiter Cushion Threshold
Sets the minimum level at which to disengage the Limiter’s attenuation at the release rate (LIMRRATE -
“Limiter Release Rate” on page 66) until levels lie between the LMAX and CUSH thresholds.
Note:
This setting is usually set slightly below the LMAX threshold.
6.29.3
Limiter Soft Ramp Disable
Configures an override of the digital soft ramp setting.
Note:
This bit is ignored when the DIGZC (“Digital Zero Cross” on page 53) is enabled.
7
6
5
432
10
LMAX2
LMAX1
LMAX0
CUSH2
CUSH1
CUSH0
LIMSRDIS
LIMZCDIS
LMAX[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Limiter” on page 31
CUSH[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Limiter” on page 31
LIMSRDIS
Limiter Soft Ramp Disable
0
OFF; Limiter Attack Rate is dictated by the DIGSFT (“Digital Soft Ramp” on page 53) setting
1
ON; Limiter volume changes take effect in one step, regardless of the DIGSFT setting.
Application:
“Limiter” on page 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com