Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 58Page - Cirrus Logic CS42L52 Datasheet HTML 59Page - Cirrus Logic CS42L52 Datasheet HTML 60Page - Cirrus Logic CS42L52 Datasheet HTML 61Page - Cirrus Logic CS42L52 Datasheet HTML 62Page - Cirrus Logic CS42L52 Datasheet HTML 63Page - Cirrus Logic CS42L52 Datasheet HTML 64Page - Cirrus Logic CS42L52 Datasheet HTML 65Page - Cirrus Logic CS42L52 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
62
DS680F1
CS42L52
5/13/08
6.23.3
Treble Corner Frequency
Sets the corner frequency (-3 dB point) for the treble shelving filter.
6.23.4
Bass Corner Frequency
Sets the corner frequency (-3 dB point) for the bass shelving filter.
6.23.5
Tone Control Enable
Configures the treble and bass activation.
6.24
Tone Control (Address 1Fh)
6.24.1
Treble Gain
Sets the gain of the treble shelving filter.
TREBCF[1:0]
Treble Corner Frequency Setting
00
5 kHz
01
7 kHz
10
10 kHz
11
15 kHz
BASSCF[1:0]
Bass Corner Frequency Setting
00
50 Hz
01
100 Hz
10
200 Hz
11
250 Hz
TCEN
Bass and Treble Control
0
Disabled
1
Enabled
Application:
“Beep Generator” on page 30
76
543
21
0
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
TREB[3:0]
Gain Setting
0000
+12.0 dB
···
···
0111
+1.5 dB
1000
0 dB
1001
-1.5 dB
···
···
1111
-10.5 dB
Step Size:
1.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com