Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 15Page - Cirrus Logic CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic CS42L52 Datasheet HTML 19Page - Cirrus Logic CS42L52 Datasheet HTML 20Page - Cirrus Logic CS42L52 Datasheet HTML 21Page - Cirrus Logic CS42L52 Datasheet HTML 22Page - Cirrus Logic CS42L52 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
DS680F1
19
CS42L52
5/13/08
HEADPHONE OUTPUT POWER CHARACTERISTICS
Test conditions (unless otherwise specified): Input test signal is a full-scale 997 Hz sine wave; Sample Frequency = 48 kHz;
Measurement Bandwidth is 20 Hz to 20 kHz; Test load RL = 16 Ω, CL = 10 pF (see Figure 2); “Required Initialization Settings”
on page 37 written on power up.
11. VHP settings lower than VA reduces the headroom of the headphone amplifier. As a result, the DAC
may not achieve the full THD+N performance at full-scale output voltage and power.
Parameters
VA = 2.5V
Min
Typ
Max
VA = 1.8V
Min
Typ
Max
Unit
AOUTx Power Into RL = 16 Ω
HP_GAIN[2:0]
Analog
Gain (G)
VHP
000
0.3959
1.8 V
-
14
-
-
7
-
mWrms
2.5 V
-
14
-
-
7
-
mWrms
001
0.4571
1.8 V
-
19
-
-
10
-
mWrms
2.5 V
-
19
-
-
10
-
mWrms
010
0.5111
1.8 V
-
23
-
-
12
-
mWrms
2.5 V
-
23
-
-
12
-
mWrms
011 (default)
0.6047
1.8 V
(Note 11)
-17
-
mWrms
2.5 V
-
32
-
-
17
-
mWrms
100
0.7099
1.8 V
(Note 11)
-23
-
mWrms
2.5 V
-
44
-
-
23
-
mWrms
101
0.8399
1.8 V
(Note 7), Figure 22 on page 74
mWrms
2.5 V
-32
-
mWrms
110
1.0000
1.8 V
(Note 7, 11) See Figures 22 and 23 on page 74
mWrms
2.5 V
mWrms
111
1.1430
1.8 V
mWrms
2.5 V
mWrms
AOUTx
AGND
R
L
C
L
0.022
µF
51
Ω
Figure 2. Headphone Output Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com