Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 66Page - Cirrus Logic CS42L52 Datasheet HTML 67Page - Cirrus Logic CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic CS42L52 Datasheet HTML 72Page - Cirrus Logic CS42L52 Datasheet HTML 73Page - Cirrus Logic CS42L52 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
70
DS680F1
CS42L52
5/13/08
6.35.3
Noise Gate Threshold and Boost
THRESH sets the threshold level of the noise gate. Input signals below the threshold level will be attenu-
ated to -96 dB. NG_BOOST configures a +30 dB boost to the threshold settings.
6.35.4
Noise Gate Delay Timing
Sets the delay time before the noise gate attacks.
Note:
The Noise Gate attack rate is a function of the sampling frequency, Fs, and the ANLGSFTx (“Ch.
x Analog Soft Ramp” on page 49) and ANLGZCx (“Ch. x Analog Zero Cross” on page 49) setting unless
the respective disable bit (“ALCx Soft Ramp Disable” on page 55 or “ALCx Zero Cross Disable” on
page 56) is enabled.
6.36
Status (Address 2Eh) (Read Only)
For all bits in this register, a “1” means the associated error condition has occurred at least once since the
register was last read. A”0” means the associated error condition has NOT occurred since the last reading
of the register. Reading the register resets all bits to 0.
6.36.1
Serial Port Clock Error (Read Only)
Indicates the status of the MCLK to LRCK ratio.
Note:
On initial power up and application of clocks, this bit will report ‘1’b as the serial port re-synchro-
nizes.
THRESH[2:0]
Minimum Setting (NG_BOOST = ‘0’b)
Minimum Setting (NG_BOOST = ‘1’b)
000
-64 dB
-34 dB
001
-67 dB
-37 dB
010
-70 dB
-40 dB
011
-73 dB
-43 dB
100
-76 dB
-46 dB
101
-82 dB
-52 dB
110
Reserved
-58 dB
111
Reserved
-64 dB
Application:
“Noise Gate” on page 28
NGDELAY[1:0]
Delay Setting
00
50 ms
01
100 ms
10
150 ms
11
200 ms
Application:
“Noise Gate” on page 28
76
543
21
0
Reserved
SPCLKERR
DSPAOVFL
DSPBOVFL
PCMAOVFL
PCMBOVFL
ADCAOVFL
ADCBOVFL
SPCLKERR
Serial Port Clock Status:
0
MCLK/LRCK ratio is valid.
1
MCLK/LRCK ratio is not valid.
Application:
“Serial Port Clocking” on page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com