Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic CS42L52 Datasheet HTML 55Page - Cirrus Logic CS42L52 Datasheet HTML 56Page - Cirrus Logic CS42L52 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
DS680F1
53
CS42L52
5/13/08
6.13.4
HP/Speaker De-emphasis
Configures a 15
µs/50µs digital de-emphasis filter response on the headphone/line and speaker outputs.
6.13.5
Digital Soft Ramp
Configures an incremental volume ramp from the current level to the new level at the specified rate.
Notes:
1.
When the DIGSFT bit is enabled, the Master Volume (MSTxVOL[7:0]) transitions are guaranteed to
occur with a soft ramp only when
bits 7 and 6 in register 29h are set to ‘00’b.
6.13.6
Digital Zero Cross
Configures when the signal level changes occur for the digital volume controls.
Notes:
1.
If the signal does not encounter a zero crossing, the requested volume change will occur after a
timeout period between 1024 and 2048 sample periods (21.3 ms to 42.7 ms at 48 kHz sample rate).
2.
The zero cross function is independently monitored and implemented for each channel.
3.
The DIS_LIMSFT bit (“Limiter Soft Ramp Disable” on page 65) is ignored when zero cross is enabled.
4.
When the DIGSFT bit is enabled, the Master Volume (MSTxVOL[7:0]) transitions are guaranteed to
occur on a zero crossing only when
bits 7 and 6 in register 29h are set to ‘00’b.
DEEMPHASIS
Control Port Status
0
Disabled
1
Enabled
DIGSFT
Volume Changes
Affected Digital Volume Controls
0
Do not occur with a soft ramp
MSTxMUTE (“Master Playback Mute” on page 52),
HPxMUTE, SPKxMUTE (“Playback Control 2 (Address 0Fh)” on page 54),
ADCxVOL[7:0] (“ADCx Volume” on page 57),
AMIXxMUTE, AMIXxVOL[7:0] (“ADC Mixer Channel x Volume” on page 58),
PMIXxMUTE, PMIXxVOL[7:0] (“PCM Mixer Channel x Volume” on page 58),
MSTxVOL[7:0] (“Master Volume Control” on page 63),
HPxVOL[7:0] (“Headphone Volume Control” on page 63),
SPKxVOL[7:0] (“Speaker Volume Control” on page 64),
ALC and Limiter Attack/Release (page 66 to page 68)
Beep Volume (“Beep Volume” on page 61)
1
Occur with a soft ramp
Ramp Rate:
1/8 dB every LRCK cycle
DIGZC
Volume Changes
Affected Digital Volume Controls
0
Do not occur on a zero cross-
ing
MSTxMUTE (“Master Playback Mute” on page 52),
AMIXxMUTE, AMIXxVOL[7:0] (“ADC Mixer Channel x Volume” on page 58),
PMIXxMUTE, PMIXxVOL[7:0] (“PCM Mixer Channel x Volume” on page 58),
MSTxVOL[7:0] (“Master Volume Control” on page 63),
ALC and Limiter Attack/Release (page 66 to page 68)
Beep Volume (“Beep Volume” on page 61)
1
Occur on a zero crossing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com