Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 73Page - Cirrus Logic CS42L52 Datasheet HTML 74Page - Cirrus Logic CS42L52 Datasheet HTML 75Page - Cirrus Logic CS42L52 Datasheet HTML 76Page - Cirrus Logic CS42L52 Datasheet HTML 77Page - Cirrus Logic CS42L52 Datasheet HTML 78Page - Cirrus Logic CS42L52 Datasheet HTML 79Page - Cirrus Logic CS42L52 Datasheet HTML 80Page - Cirrus Logic CS42L52 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
DS680F1
77
CS42L52
5/13/08
9. PCB LAYOUT CONSIDERATIONS
9.1
Power Supply, Grounding
As with any high-resolution converter, the CS42L52 requires careful attention to power supply and ground-
ing arrangements if its potential performance is to be realized. Figure 1 on page 10 shows the recommend-
ed power arrangements, with VA and VHP connected to clean supplies VD, which powers the digital
circuitry, may be run from the system logic supply. Alternatively, VD may be powered from the analog supply
via a ferrite bead. In this case, no additional devices should be powered from VD.
Extensive use of power and ground planes, ground plane fill in unused areas and surface mount decoupling
capacitors are recommended. Decoupling capacitors should be as close to the pins of the CS42L52 as pos-
sible. The low value ceramic capacitor should be closest to the pin and should be mounted on the same
side of the board as the CS42L52 to minimize inductance effects.
All signals, especially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted
coupling into the modulators. The FILT+ and VQ decoupling capacitors, particularly the 0.1 µF, must be po-
sitioned to minimize the electrical path from FILT+ and AGND. The CDB42L52 evaluation board demon-
strates the optimum layout and power supply arrangements.
9.2
QFN Thermal Pad
The CS42L52 is available in a compact QFN package. The underside of the QFN package reveals a large
metal pad that serves as a thermal relief to provide for maximum heat dissipation. This pad must mate with
an equally dimensioned copper pad on the PCB and must be electrically connected to ground. A series of
vias should be used to connect this copper pad to one or more larger ground planes on other PCB layers.
In split ground systems, it is recommended that this thermal pad be connected to AGND for best perfor-
mance. The CS42L52 evaluation board demonstrates the optimum thermal pad and via configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com