Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic CS42L52 Datasheet HTML 36Page - Cirrus Logic CS42L52 Datasheet HTML 37Page - Cirrus Logic CS42L52 Datasheet HTML 38Page - Cirrus Logic CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
DS680F1
37
CS42L52
5/13/08
4.8
Initialization
The CODEC enters a Power-down state upon initial power-up. The interpolation and decimation filters, del-
ta-sigma and PWM modulators, and control port registers are reset. The internal voltage reference, and
switched-capacitor low-pass filters are powered down.
The device will remain in the Power-down state until the RESET pin is brought high. The control port is ac-
cessible once RESET is high and the desired register settings can be loaded per the interface descriptions
in the “Register Description” on page 42.
Once MCLK is valid, the quiescent voltage, VQ, and the internal voltage reference, FILT+, will begin power-
ing up to normal operation. The charge pump slowly powers up and charges the capacitors. Power is then
applied to the headphone amplifiers and switched-capacitor filters, and the analog/digital outputs enter a mut-
ed state. Once LRCK is valid, MCLK occurrences are counted over one LRCK period to determine the
MCLK/LRCK frequency ratio and normal operation begins.
4.9
Recommended Power-up Sequence
1.
Hold RESET low until the power supplies are stable.
2.
Bring RESET high.
3.
The default state of the PDN bit is ‘1’b. Load the desired register settings while keeping the PDN bit set
to ‘1’b.
4.
Load the required initialization settings listed in Section 4.11.
5.
Start MCLK to the appropriate frequency, as discussed in Section 4.6.
6.
Set the PDN bit to ‘0’b.
7.
Apply LRCK, SCLK, and SDIN for normal operation to begin.
8.
Bring RESET low if the analog or digital supplies drop below the recommended operating condition to
prevent power glitch related issues.
4.10
Recommended Power-down Sequence
To minimize audible pops when turning off or placing the CODEC in standby:
1.
Mute the DAC’s and ADC’s.
2.
Set the PDN bit in the power control register to ‘1’b. The CODEC will not power down until it reaches a
fully muted sate. Do not remove MCLK until after the part has fully muted. Note that it may be necessary
to disable the soft-ramp and/or zero-cross volume transitions to achieve faster muting/power down.
3.
Bring RESET low.
4.11
Required Initialization Settings
The current and thresholds required for various sections in the CODEC must be adjusted by implementing
the initialization settings shown below after power-up sequence step 3. All performance and power con-
sumption measurements were taken with the following settings:
1.
Write 0x99 to register 0x00.
2.
Write 0xBA to register 0x3E.
3.
Write 0x80 to register 0x47.
4.
Write ‘1’b to bit 7 in register 0x32.
5.
Write ‘0’b to bit 7 in register 0x32.
6.
Write 0x00 to register 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com