Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 48Page - Cirrus Logic CS42L52 Datasheet HTML 49Page - Cirrus Logic CS42L52 Datasheet HTML 50Page - Cirrus Logic CS42L52 Datasheet HTML 51Page - Cirrus Logic CS42L52 Datasheet HTML 52Page - Cirrus Logic CS42L52 Datasheet HTML 53Page - Cirrus Logic CS42L52 Datasheet HTML 54Page - Cirrus Logic CS42L52 Datasheet HTML 55Page - Cirrus Logic CS42L52 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
DS680F1
CS42L52
5/13/08
6.12.3
Invert PCM Signal Polarity
Configures the polarity of the digital input signal.
6.12.4
Master Playback Mute
Configures a digital mute on the master volume control for channel x.
Note:
The muting function is affected by the DIGSFT (“Digital Soft Ramp” on page 53) and DIGZC
(“Digital Zero Cross” on page 53) bits.
6.13
Miscellaneous Controls (Address 0Eh)
6.13.1
Passthrough Analog
Configures an analog passthrough from the PGA inputs to the headphone/line outputs.
Notes:
1.
The Passthrough volume control is realized using a combination of the PGA volume control settings
(“PGAx Volume” on page 56) and the headphone amplifier volume control settings (hidden). When
passthrough is enabled and the PGA to ADC path is selected, the signal seen by the ADC will change
depending on the passthrough volume setting.
6.13.2
Passthrough Mute
Configures an analog mute on the channel x analog in to analog out passthrough.
6.13.3
Freeze Registers
Configures a hold on all register settings.
INV_PCMx
PCM Signal Polarity
0
Not Inverted
1
Inverted
MSTxMUTE
Master Mute
0
Not Inverted
1
Inverted
76
543
21
0
PASSTHRUB
PASSTHRUA
PASSBMUTE PASSAMUTE
FREEZE
DEEMPH
DIGSFT
DIGZC
PASSTHRUx
Analog In Routed to HP/Line Output
0
Disabled
1
Enabled
PASSxMUTE
Passthrough Mute
0
Disabled
1
Enabled
FREEZE
Control Port Status
0
Register changes take effect immediately
1
Modifications may be made to all control port registers without the changes taking effect until after the
FREEZE is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com