Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 6Page - Cirrus Logic CS42L52 Datasheet HTML 7Page - Cirrus Logic CS42L52 Datasheet HTML 8Page - Cirrus Logic CS42L52 Datasheet HTML 9Page - Cirrus Logic CS42L52 Datasheet HTML 10Page - Cirrus Logic CS42L52 Datasheet HTML 11Page - Cirrus Logic CS42L52 Datasheet HTML 12Page - Cirrus Logic CS42L52 Datasheet HTML 13Page - Cirrus Logic CS42L52 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
DS680F1
CS42L52
5/13/08
2. TYPICAL CONNECTION DIAGRAM
Note 4
Note 3
Note 2
Note 1
1 µF
+1.8 V to +2.5 V
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8 V to +3.3 V
SCL
SDA
RESET
2 k
Ω
LRCK
Digital Audio
Processor
MCLK
SCLK
VD
MIC1-
AIN3A/MIC1A
Microphone 1
SDIN
SDOUT
CS42L52
2 k
Ω
MICBIAS
+1.8 V to +2.5 V
HP/LINE_OUTB
HP/LINE_OUTA
AIN1A
Left 1
1800 pF
1800 pF
100 k
Ω
100
Ω
AIN1B
Right 1
*
*
RL
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
FLYP
FLYN
-VHPFILT
0.1 µF
51.1
Ω
0.022 µF
100 k
Ω
100
Ω
SPKR_OUTA+
SPKR_OUTA-
SPKR/HP
51.1
Ω
0.022 µF
MIC1+
AIN4A/MIC2A
MIC2+
AIN4B/MIC2B
Microphone 2
MIC2-
AIN3B/MIC1B
100 k
Ω
RL
100 k
Ω
1 µF
1 µF
0.1 µF
+VHP
1 µF
10 µF
VQ
AGND
* Capacitors must be C0G or equivalent
150 pF
AFILTA
AFILTB
150 pF
1 µF
**
FILT+
1 µF
1 µF
1 µF
1 µF
* *Use low ESR ceramic capacitors.
**
**
See Note 5
SPKR_OUTB+
SPKR_OUTB-
1 µF
VP
VP
+1.6 V to
+5 V
Stereo Speakers
AIN2A
Left 2
1800 pF
1800 pF
100 k
Ω
100
Ω
AIN2B
Right 2
*
*
100 k
Ω
100
Ω
1 µF
1 µF
0.1 µF
0.1 µF
Analog
Input 1
Analog
Input 2
10 µF
Mic-Level
Inputs
47 k
Ω
Notes:
1. Recommended values for the default charge pump switching
frequency. The required capacitance follows an inverse
relationship with the charge pump’s switching frequency. When
increasing the switching frequency, the capacitance may
decrease; when lowering the switching frequency, the
capacitance must increase.
2. Larger capacitance reduces the ripple on the internal
amplifier’s supply. This may reduce the distortion at higher
output power levels.
3. Additional bulk capacitance may be added to improve PSRR
at low frequencies.
4. These capacitors serve as a charge reservoir for the internal
switched capacitor ADC modulators. They are only needed
when the PGA (Programmable Gain Amplifier) is bypassed.
5. Series resistance in the path of the power supplies must be
avoided. Any voltage drop on VHP will directly impact the
negative charge pump supply (-VHPFILT) and clip the audio
output.
6. The value of RL, a current-limiting resistor used with electret
condenser microphones, is dictated by the microphone
cartridge.
7. The negative terminal of the MICx inputs connects to the
ground pin of the microphone cartridge. Gain is applied only to
the positive terminal.
Note 6
Note 7
Note 7
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com