Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic CS42L52 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
DS680F1
43
CS42L52
5/13/08
input path. The PGAxSEL bits may be used to isolate the input signal(s) from the PGA outputs. When
the PGA is powered down, no input should be selected. Refer to “ADC Input Select” on page 48 and
“PGA Input Mapping” on page 49 for the required settings.
6.2.3
Power Down ADCx
Configures the power state of ADC channel x.
Notes:
1.
The CS42L52 employs a clever scheme for controlling the power to the ADC when PASSTHRU
(“Passthrough Analog” on page 52) and PDN_OVRD (“Power Down ADC Override” on page 43) are
enabled. Refer to the referenced application.
6.2.4
Power Down
Configures the power state of the entire CODEC.
6.3
Power Control 2 (Address 03h)
6.3.1
Power Down ADC Override
Configures an override of the power down control for ADCx.
6.3.2
Power Down MICx
Configures the power state of the microphone pre-amplifier for channel x.
6.3.3
Power Down MIC Bias
Configures the power state of the microphone bias circuit.
PDN_ADCx
ADC Status
0
Powered Up
1
Powered Down
Application
“Analog In to Analog Out Passthrough” on page 32
PDN
CODEC Status
0
Powered Up
1
Powered Down
7
6
5
432
10
Reserved
Reserved
Reserved
OVRDB
OVRDA
PDN_MICB
PDN_MICA
PDN_BIAS
OVRDx
PDN_ADC Override
0
Disable
1
Enable
Application
“Analog In to Analog Out Passthrough” on page 32
PDN_MICx
MIC Pre-Amp Status
0
Powered Up
1
Powered Down
Application
“MIC Inputs” on page 27
PDN_BIAS
MIC Bias Status
0
Powered Up
1
Powered Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com