Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 27Page - Cirrus Logic CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
DS680F1
31
CS42L52
5/13/08
4.3.2
Limiter
When enabled, the limiter monitors the digital input signal before the DAC and PWM modulators, detects
when levels exceed the maximum threshold settings, and lowers the master volume at a programmable
attack rate below the maximum threshold. When the input signal level falls below the maximum threshold,
the AOUT volume returns to its original level set in the Master Volume Control register at a programmable
release rate. Attack and release rates are affected by the DAC soft-ramp/zero-cross settings and sample
rate, Fs. Limiter soft-ramp and zero-cross dependency may be independently enabled/disabled.
Notes:
1.
Recommended settings: Best limiting performance may be realized with the fastest attack and
slowest release setting with soft ramp enabled in the control registers. The MIN bits allow the user to
set a threshold slightly below the maximum threshold for hysteresis control - this cushions the sound
as the limiter attacks and releases.
2.
The Limiter maintains the output signal between the MIN and MAX thresholds. As the digital input
signal level changes, the level-controlled output may not always be the same but will always fall within
the thresholds.
Referenced Control
Register Location
MSTxVOL[7:0].....................
PMIXxVOL[6:0] ...................
OFFTIME[2:0] .....................
ONTIME[3:0] .......................
FREQ[3:0] ...........................
BEEP[1:0]............................
BEEPMIXDIS ......................
BPVOL[4:0] .........................
“Master Volume Control: MSTA (Address 20h) & MSTB (Address 21h)” on page 63
“PCMx Mixer Volume: PCMA (Address 1Ah) & PCMB (Address 1Bh)” on page 58
“Beep Off Time” on page 60
“Beep On Time” on page 60
“Beep Frequency” on page 59
“Beep Configuration” on page 61
“Beep Mix Disable” on page 61
“Beep Volume” on page 61
Referenced Control
Register Location
Limiter Controls ...................
Master Volume Control........
“Limiter Control 2, Release Rate (Address 28h)” on page 66, “Limiter Attack Rate (Address 29h)” on page 67
“Master Volume Control: MSTA (Address 20h) & MSTB (Address 21h)” on page 63
FREQ[3:0]
...
BPVOL[4:0]
ONTIME[3:0]
OFFTIME[2:0]
BEEP[1:0] =
'01'
BEEP[1:0] =
'10'
BEEP[1:0] =
'11'
SINGLE-BEEP: Beep turns on at a
configurable frequency (FREQ) and
volume (BPVOL) for the duration of
ONTIME. BEEP must be cleared
and set for additional beeps.
MULTI-BEEP: Beep turns on at a configurable frequency (FREQ)
and volume (BPVOL) for the duration of ONTIME and turns off for
the duration of OFFTIME. On and off cycles are repeated until
BEEP is cleared.
CONTINUOUS BEEP: Beep turns on at a configurable frequency (FREQ) and volume (BPVOL) and remains on
until BEEP is cleared.
Figure 13. Beep Configuration Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com