Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 10Page - Cirrus Logic CS42L52 Datasheet HTML 11Page - Cirrus Logic CS42L52 Datasheet HTML 12Page - Cirrus Logic CS42L52 Datasheet HTML 13Page - Cirrus Logic CS42L52 Datasheet HTML 14Page - Cirrus Logic CS42L52 Datasheet HTML 15Page - Cirrus Logic CS42L52 Datasheet HTML 16Page - Cirrus Logic CS42L52 Datasheet HTML 17Page - Cirrus Logic CS42L52 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
14
DS680F1
CS42L52
5/13/08
ADC DIGITAL FILTER CHARACTERISTICS
5.
Response is clock-dependent and will scale with Fs. Note that the response plots (Figures 26 to 29 on
page 78) have been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
HPF parameters are for Fs = 48 kHz.
Parameters (Note 5)
Min
Typ
Max
Unit
Passband (Frequency Response)
to -0.1 dB corner
0
-
0.4948
Fs
Passband Ripple
-0.09
-
0.17
dB
Stopband
0.6
-
-
Fs
Stopband Attenuation
33
-
-
dB
Total Group Delay
-7.6/Fs-
s
High-Pass Filter Characteristics (48 kHz Fs)
Frequency Response
-3.0 dB
-0.13 dB
-
-
3.6
24.2
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
-
10
-
Deg
Passband Ripple
-
-
0.17
dB
Filter Settling Time
-105/Fs
0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com