Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 74Page - Cirrus Logic CS42L52 Datasheet HTML 75Page - Cirrus Logic CS42L52 Datasheet HTML 76Page - Cirrus Logic CS42L52 Datasheet HTML 77Page - Cirrus Logic CS42L52 Datasheet HTML 78Page - Cirrus Logic CS42L52 Datasheet HTML 79Page - Cirrus Logic CS42L52 Datasheet HTML 80Page - Cirrus Logic CS42L52 Datasheet HTML 81Page - Cirrus Logic CS42L52 Datasheet HTML 82Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
80
DS680F1
CS42L52
5/13/08
12.PACKAGE DIMENSIONS
1.
Dimensioning and tolerance per ASME Y 14.5M-1995.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and 0.25 mm
from the terminal tip.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
----
0.0394
----
1.00
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0071
0.0091
0.0110
0.18
0.23
0.28
1,2
D
0.2362 BSC
6.00 BSC
1
D2
0.1594
0.1614
0.1634
4.05
4.10
4.15
1
E
0.2362 BSC
6.00 BSC
1
E2
0.1594
0.1614
0.1634
4.05
4.10
4.15
1
e
0.0197 BSC
0.50 BSC
1
L
0.0118
0.0157
0.0197
0.30
0.40
0.50
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Parameter
Symbol
Min
Typ
Max
Units
Junction to Ambient Thermal Impedance
2 Layer Board
4 Layer Board
θJA
-
-
44
19
-
-
°C/Watt
40L QFN (6 X 6 mm BODY) PACKAGE DRAWING
e
b
A
A1
PIN#1IDENTIFIER
∅0.50±0.10
LASERMARKING
E
D2
L
PIN#1CORNER
2.00REF
E2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com