Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 25Page - Cirrus Logic CS42L52 Datasheet HTML 26Page - Cirrus Logic CS42L52 Datasheet HTML 27Page - Cirrus Logic CS42L52 Datasheet HTML 28Page - Cirrus Logic CS42L52 Datasheet HTML 29Page - Cirrus Logic CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
DS680F1
29
CS42L52
5/13/08
4.3
Analog Outputs
Referenced Control
Register Location
DSP
DEEMPH .............................
PMIXxMUTE........................
PMIXxVOL[6:0]....................
INV_PCMx...........................
PCMxSWAP[1:0] .................
AMIXxMUTE........................
AMIXxVOL[6:0]....................
ADCxSWAP[1:0]..................
MSTxVOL[7:0].....................
MSTxMUTE.........................
DIGSFT ...............................
DIGZC .................................
PLYBCKB=A........................
TC_EN.................................
BASS_CF[1:0] .....................
TREB_CF[1:0] .....................
BASS[3:0]............................
TREB[3:0]............................
LIMIT ...................................
LIMSRDIS ...........................
LIMZCDIS............................
LMAX[2:0]............................
CUSH[2:0] ...........................
LIMARATE[7:0]....................
LIMRRATE[7:0] ...................
“HP/Speaker De-emphasis” on page 53
“PCM Mixer Channel x Mute” on page 58
“PCM Mixer Channel x Volume” on page 58
“Invert PCM Signal Polarity” on page 52
“PCM Mix Channel Swap” on page 64
“ADC Mixer Channel x Mute” on page 58
“ADC Mixer Channel x Volume” on page 58
“ADC Mix Channel Swap” on page 64
“Master Volume Control” on page 63
“Master Playback Mute” on page 52
“Digital Soft Ramp” on page 53
“Digital Zero Cross” on page 53
“Playback Volume Setting B=A” on page 51
“Tone Control Enable” on page 62
“Bass Corner Frequency” on page 62
“Treble Corner Frequency” on page 62
“Bass Gain” on page 63
“Treble Gain” on page 62
“Peak Detect and Limiter” on page 66
“Limiter Soft Ramp Disable” on page 65
“Limiter Zero Cross Disable” on page 66
“Limiter Maximum Threshold” on page 65
“Limiter Cushion Threshold” on page 65
“Limiter Attack Rate” on page 67
“Limiter Release Rate” on page 66
Beep
Generator
VOL
Σ
Bass/
Treble/
Control
Σ
VOL
Peak
Detect
Limiter
Chnl Vol.
Settings
Channel
Swap
Demph
VOL
VOL
+12dB/-102dB
0.5dB steps
MSTAVOL[7:0]
MSTBVOL[7:0]
+12dB/-51.5dB
0.5dB steps
AMIXAMUTE
AMIXBMUTE
AMIXAVOL[6:0]
AMIXBVOL[6:0]
+12dB/-51.5dB
0.5dB steps
PMIXAMUTE
PMIXBMUTE
PMIXAVOL[6:0]
PMIXBVOL[6:0]
0dB/-50dB
2.0dB steps
BPVOL[4:0]
DEEMPH
TC_EN
BASS_CF[1:0]
TREB_CF[1:0]
BASS[3:0]
TREB[3:0]
+12.0dB/-10.5dB
1.5dB steps
Fixed Function DSP
MSTAMUTE
MSTBMUTE
DIGSFT
DIGZC
PLYBCKB=A
LIMARATE[7:0]
LIMRRATE[7:0]
LMAX[2:0]
CUSH[2:0]
LIMSRDIS
LIMZCDIS
LIMIT
PCMASWAP[1:0]
PCMBSWAP[1:0]
INPUTS FROM ADCA
and ADCB
OFFTIME[2:0]
ONTIME[3:0]
FREQ[3:0]
BEEP[1:0]
BEEPMIXDIS
Digital Mix to ADC
Serial Interface
Channel
Swap
INV_PCMA
INV_PCMB
ADCASWAP[1:0]
ADCBSWAP[1:0]
PWM
Modulator
DAC
Figure 10. DSP Engine Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com