Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 38Page - Cirrus Logic CS42L52 Datasheet HTML 39Page - Cirrus Logic CS42L52 Datasheet HTML 40Page - Cirrus Logic CS42L52 Datasheet HTML 41Page - Cirrus Logic CS42L52 Datasheet HTML 42Page - Cirrus Logic CS42L52 Datasheet HTML 43Page - Cirrus Logic CS42L52 Datasheet HTML 44Page - Cirrus Logic CS42L52 Datasheet HTML 45Page - Cirrus Logic CS42L52 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 82 page
background image
42
DS680F1
CS42L52
5/13/08
6. REGISTER DESCRIPTION
All registers are read/write except for the chip I.D. and Revision Register and Interrupt Status Register which are
read only. See the following bit definition tables for bit assignment information. The default state of each bit after a
power-up sequence or reset is listed in each bit description. Unless otherwise specified, all “Reserved” bits must
maintain their default value.
6.1
Chip I.D. and Revision Register (Address 01h) (Read Only)
6.1.1
Chip I.D. (Read Only)
I.D. code for the CS42L52.
6.1.2
Chip Revision (Read Only)
CS42L52 revision level.
6.2
Power Control 1 (Address 02h)
6.2.1
Power Down ADC Charge Pump
Configures the power state of the ADC charge pump.
6.2.2
Power Down PGAx
Configures the power state of PGA channel x.
Notes:
1.
The CS42L52 employs a clever scheme for controlling the power to the PGA when PASSTHRU
(“Passthrough Analog” on page 52) is enabled. Refer to the referenced application for more information.
2.
This bit should be used in conjunction with ADCxSEL and PGAxSEL bits to determine the analog
76
543
21
0
CHIPID4
CHIPID3
CHIPID2
CHIPID1
CHIPID0
REVID2
REVID1
REVID0
CHIPID[4:0]
Device
11100
CS42L52
REVID[2:0]
Revision Level
000
A0
001
A1
010
B0
011
B1
76
543
21
0
PDN_CHRG
Reserved
Reserved
PDN_PGAB
PDN_PGAA
PDN_ADCB
PDN_ADCA
PDN
PDN_CHRG
ADC Charge Pump Status
0
Powered Up
1
Powered Down
PDN_PGAx
PGA Status
0
Powered Up (ONLY when the ADC or the analog passthru is used)
1
Powered Down
Application
“Analog In to Analog Out Passthrough” on page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com