Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 63Page - Cirrus Logic CS42L52 Datasheet HTML 64Page - Cirrus Logic CS42L52 Datasheet HTML 65Page - Cirrus Logic CS42L52 Datasheet HTML 66Page - Cirrus Logic CS42L52 Datasheet HTML 67Page - Cirrus Logic CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
DS680F1
67
CS42L52
5/13/08
6.31
Limiter Attack Rate (Address 29h)
6.31.1
Limiter Attack Rate
Sets the rate at which the limiter applies digital attenuation from levels above the MAX[2:0] threshold
(“Limiter Maximum Threshold” on page 65).
Note:
The limiter attack rate is user-selectable but is also a function of the sampling frequency, Fs, and
the DIGSFT (“Digital Soft Ramp” on page 53) and DIGZC (“Digital Zero Cross” on page 53) setting unless
the respective disable bit (“Limiter Soft Ramp Disable” on page 65 or “Limiter Zero Cross Disable” on
page 66) is enabled.
6.32
ALC Enable & Attack Rate (Address 2Ah)
6.32.1
ALCx Enable
Configures the automatic level controller.
Note:
The ALC is not available in passthrough mode.
6.32.2
ALC Attack Rate
Sets the rate at which the ALC applies analog and/or digital attenuation from levels above the AMAX[2:0]
threshold (“ALC Maximum Threshold” on page 68).
Note:
The ALC attack rate is user-selectable but is also a function of the sampling frequency, Fs, and
the ANLGSFTx (“Ch. x Analog Soft Ramp” on page 49) and ANLGZCx (“Ch. x Analog Zero Cross” on
page 49) setting unless the respective disable bit (“ALCx Soft Ramp Disable” on page 55 or “ALCx Zero
Cross Disable” on page 56) is enabled.
7
6
5
432
10
Reserved
Reserved
LIMARATE5
LIMARATE4
LIMARATE3
LIMARATE2
LIMARATE1
LIMARATE0
LIMARATE[5:0]
Attack Time
00 0000
Fastest Attack
···
···
11 1111
Slowest Attack
Application:
“Limiter” on page 31
7
6
5
432
10
ALCB
ALCA
ALCARATE5
AALCRATE4
ALCARATE3
ALCARATE2
ALCARATE1
ALCARATE0
ALC
ALC Status
0
Disabled
1
Enabled
Application:
“Automatic Level Control (ALC)” on page 27
LIMARATE[5:0]
Attack Time
00 0000
Fastest Attack
···
···
11 1111
Slowest Attack
Application:
“Automatic Level Control (ALC)” on page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com