Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 30Page - Cirrus Logic CS42L52 Datasheet HTML 31Page - Cirrus Logic CS42L52 Datasheet HTML 32Page - Cirrus Logic CS42L52 Datasheet HTML 33Page - Cirrus Logic CS42L52 Datasheet HTML 34Page - Cirrus Logic CS42L52 Datasheet HTML 35Page - Cirrus Logic CS42L52 Datasheet HTML 36Page - Cirrus Logic CS42L52 Datasheet HTML 37Page - Cirrus Logic CS42L52 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
34
DS680F1
CS42L52
5/13/08
4.5.2.1
Maintaining a Desired Output Level
Using SPKxVOL, the speaker output level must first be attenuated by the decibel equivalent of the expect-
ed VP supply range (MAX relative to MIN). The CS42L52 then gradually reduces the attenuation as the
VP supply drops from its maximum level, maintaining a nearly constant power output.
Compensation Example 1 (VP Battery supply ranges from 4.5 V to 3.0 V)
1. Set speaker attenuation (SPKxVOL) to -3.5 dB. The VP supply changes ~3.5 dB.
2. Set the reference VP supply (VPREF) to 4.5 V.
3. Enable battery compensation (BATTCMP).
The CS42L52 automatically adjusts the output level as the battery discharges.
Compensation Example 2 (VP Battery supply ranges from 5.0 V to 1.6 V)
1. Set speaker attenuation (SPKxVOL) to -10 dB. The VP supply changes ~9.9 dB.
2. Set the reference VP supply (VPREF) to 5.0 V.
3. Enable battery compensation (BATTCMP).
The CS42L52 automatically adjusts the output level as the battery discharges. Refer to Figure 15 on page
34. In this example, the VP supply changes over a wide range, illustrating the accuracy of the CS42L52’s
battery compensation.
4.6
Serial Port Clocking
The CODEC serial audio interface port operates either as a slave or master, determined by the M/S bit. It
accepts externally generated clocks in Slave Mode and will generate synchronous clocks derived from an
input master clock (MCLK) in Master Mode. Refer to the tables below for the required setting in register 05h
and 06h associated with a given MCLK and sample rate.
Referenced Control
Register Location
VPREF ................................
SPKxVOL ............................
“VP Reference” on page 72
“Speaker Volume Control” on page 64
Referenced Control
Register Location
M/S
Register 05h
Register 06h
“Master/Slave Mode” on page 46
“Clocking Control (Address 05h)” on page 44
“Interface Control 1 (Address 06h)” on page 46
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
1.6
1.9
2.2
2.5
2.8
3.1
3.4
3.7
4
4.3
4.6
4.9
Uncompensated
PWM Output
Level
Battery Compensated
PWM Output Level
VP Supply (V)
Figure 15. Battery Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com