Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic CS42L52 Datasheet HTML 72Page - Cirrus Logic CS42L52 Datasheet HTML 73Page - Cirrus Logic CS42L52 Datasheet HTML 74Page - Cirrus Logic CS42L52 Datasheet HTML 75Page - Cirrus Logic CS42L52 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
72
DS680F1
CS42L52
5/13/08
6.37.3
VP Reference
Sets the desired VP reference used for battery compensation.
6.38
VP Battery Level (Address 30h) (Read Only)
6.38.1
VP Voltage Level (Read Only)
Indicates the unsigned VP voltage level.
6.39
Speaker Status (Address 31h) (Read Only)
6.39.1
Speaker Current Load Status (Read Only)
Indicates whether or not any of the speaker outputs is shorted to ground.
VPREF[3:0]
Desired VP used to calculate the required attenuation on the speaker output:
(for VA = 1.8 V)
0000
1.5 V
0001
2.0 V
0010
2.5 V
0011
3.0 V
0100
3.5 V
0101
4.0 V
0110
4.5 V
0111
5.0 V
(for VA = 2.5 V)
1000
1.5 V
1001
2.0 V
1010
2.5 V
1011
3.0 V
1100
3.5 V
1101
4.0 V
1110
4.5 V
1111
5.0 V
Application:
“VP Battery Compensation” on page 33
76
543
21
0
VPLVL7
VPLVL6
VPLVL5
VPLVL4
VPLVL3
VPLVL2
VPLVL1
VPLVL0
VPLVL[7:0]
VP Voltage
...
0101 1110
3.0 V (for VA = 2.0 V); apply formula using actual VA voltage to calculate VP voltage.
...
0111 0010
3.7 V (for VA = 2.0 V); apply formula using actual VA voltage to calculate VP voltage.
...
Formula:
VP Voltage = (Binary representation of VPLVL[7:0]) * VA / 63.3
76
543
21
0
Reserved
Reserved
SPKASHRT
SPKBSHRT
SPKR/HP
Reserved
Reserved
Reserved
SPKxSHRT
Speaker Output Load
0
No overload detected
1
Overload detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com