Electronic Components Datasheet Search
  English  ▼

X  

CS42L52 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS42L52
Description  2Low-power, Stereo CODEC w/ Headphone & Speaker Amps
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L52 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS42L52 Datasheet HTML 65Page - Cirrus Logic CS42L52 Datasheet HTML 66Page - Cirrus Logic CS42L52 Datasheet HTML 67Page - Cirrus Logic CS42L52 Datasheet HTML 68Page - Cirrus Logic CS42L52 Datasheet HTML 69Page - Cirrus Logic CS42L52 Datasheet HTML 70Page - Cirrus Logic CS42L52 Datasheet HTML 71Page - Cirrus Logic CS42L52 Datasheet HTML 72Page - Cirrus Logic CS42L52 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
DS680F1
69
CS42L52
5/13/08
6.34.2
ALC Minimum Threshold
Sets the minimum level at which to disengage the ALC’s attenuation or amplify the input signal at the re-
lease rate (ALCRRATE - “ALC Release Rate” on page 68) until levels lie between the ALCMAX and AL-
CMIN thresholds.
Notes:
1.
This setting is usually set slightly below the ALCMAX threshold.
6.35
Noise Gate Control (Address 2Dh)
6.35.1
Noise Gate All Channels
Sets which channels are attenuated when clipping on any single channel occurs.
6.35.2
Noise Gate Enable
Configures the noise gate.
ALCMIN[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Automatic Level Control (ALC)” on page 27
7
6
5
432
10
NGALL
NG
NG_BOOST
THRESH2
THRESH1
THRESH0
NGDELAY1
NGDELAY0
NGALL
Noise Gate triggered by:
0
Individual channel; Any channel that falls below the threshold setting triggers the noise gate attenuation for
both channels.
1
Both channels A & B; Both channels must fall below the threshold setting for the noise gate attenuation to
take effect.
Application:
“Noise Gate” on page 28
NG
Noise Gate Status
0
Disabled
1
Enabled
Application:
“Noise Gate” on page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com