Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 117 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 117 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 113Page - Texas Instruments AM3892 Datasheet HTML 114Page - Texas Instruments AM3892 Datasheet HTML 115Page - Texas Instruments AM3892 Datasheet HTML 116Page - Texas Instruments AM3892 Datasheet HTML 117Page - Texas Instruments AM3892 Datasheet HTML 118Page - Texas Instruments AM3892 Datasheet HTML 119Page - Texas Instruments AM3892 Datasheet HTML 120Page - Texas Instruments AM3892 Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 299 page
background image
L4 High Speed
EMAC
EMAC
SATA
0
1
Spinlock
PRCM
Control
ELM
HDMIphy
OCPWP
McASP
McASP
McASP
Mailbox
0
1
2
L4 Standard
I
I
SPI
UART
UART
Timer
Timer
Timer
Timer
Timer
Timer
Timer
GPIO
GPIO
SD
WDT
RTC
S
S
DDR
DDR
2C0
2C1
0
1
1
2
3
4
5
6
7
0
1
/SDIO
martReflex0
martReflex1
_CFG0
_CFG1
250-MHz CLK domain
125-MHz CLK domain
L3 Interconnect
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
5.2
L4 Interconnect
The L4 interconnect is a non-blocking peripheral interconnect that provides low-latency access to a large
number of low-bandwidth, physically-dispersed target cores. The L4 can handle incoming traffic from up to
four initiators and can distribute those communication requests to and collect related responses from up to
63 targets.
The device provides three interfaces with L3 interconnect for high-speed peripheral and standard
peripheral. Figure 5-2 and Table 5-2 show the L4 bus architecture and memory-mapped peripherals.
A.
SGX530 is available only on the AM3894 device.
Figure 5-2. L4 Architecture
Copyright © 2010–2011, Texas Instruments Incorporated
System Interconnect
117
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com