Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 115Page - Texas Instruments AM3892 Datasheet HTML 116Page - Texas Instruments AM3892 Datasheet HTML 117Page - Texas Instruments AM3892 Datasheet HTML 118Page - Texas Instruments AM3892 Datasheet HTML 119Page - Texas Instruments AM3892 Datasheet HTML 120Page - Texas Instruments AM3892 Datasheet HTML 121Page - Texas Instruments AM3892 Datasheet HTML 122Page - Texas Instruments AM3892 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
6
Device Operating Conditions
6.1
Absolute Maximum Ratings Over Operating Case Temperature Range
(Unless Otherwise Noted)
(1) (2) (3)
MIN
MAX
UNIT
USB PHYs, 0.9 V (VDD_USB_0P9)
-0.3
1.35
V
Core (CVDD, CVDDC, VDDT_SATA,
-0.3
1.2
V
VDDT_PCIE, VDDA_HDMI,
VDDA_HD_1P0, VDDA_SD_1P0)
I/O, 1.5 V (VDDA_PLL, VDDR_SATA,
-0.3
2.45
V
VDDR_PCIE, DVDD_DDR0,
Steady State Supply voltage
DVDD_DDR1)(4)
ranges:
I/O, 1.8 V (DVDD1P8,
-0.3
2.45
V
DEVOSC_DVDD18, VDD_USB0_1P8,
VDD_USB1_1P8, VDDA_REF_1P8,
VDDA_HD_1P8, VDDA_SD_1P8,
DVDD_DDR0, DVDD_DDR1)(4)
I/O, 3.3 V (DVDD_3P3,
0
3.8
V
VDD_USB0_3P3, VDD_USB1_3P3)
V I/O, 1.5-V pins
-0.3
2.45
V
-0.3
DVDD_DDRx + 0.3(4)
V I/O, 1.8-V pins
-0.3
2.45
V
-0.3
DVDD1P8 + 0.3
-0.3
DVDD_DDRx + 0.3(4)
Input and Output voltage ranges:
V I/O, 3.3-V pins
-0.3
3.8
V
(Steady State)
-0.3
DVDD_3P3 + 0.3
V I/O, 3.3-V pins
20% of DVDD_3P3 for up to 20% of the
V
(Transient Overshoot/Undershoot)
signal period
Operating junction temperature
(default)
0
95
°C
range, TJ:
(5)
Operating case temperature
(default)
0
85
°C
range, Tc:
(5)
Storage temperature range, Tstg: (default)
-55
150
°C
HBM (Human Body Model)(7)
±2000
V
ESD stress voltage, VESD:
(6)
CDM (Charged-Device Model)(8)
±500
V
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
Data in this table is based on device operation at 1.0 GHz for the ARM Cortex-A8.
(4)
For supply voltage pins, DVDD_DDRx:
•
1.5 V is used for DDR3 SDRAM.
•
1.8 V is used for DDR2 SDRAM.
(5)
A heat dissipation solution is required for proper device operation. Thermal performance of the overall system must be carefully
considered to ensure conformance with the recommended operating conditions. Heat generated by this device must be removed with
the help of heat sinks, heat spreaders, and/or airflow. SmartReflex can significantly lower the power consumption of this device and its
use is required for proper device operation.
(6)
Electrostatic discharge (ESD) to measure device sensitivity/immunity to damage caused by electrostatic discharges into the device.
(7)
Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001-2010. JEDEC document JEP155 states that 500 V HBM allows
safe manufacturing with a standard ESD control process, and manufacturing with less than 500 V HBM is possible if necessary
precautions are taken. Pins listed as 2000 V may actually have higher performance.
(8)
Level listed above is the passing level per EIA-JEDEC JESD22-C101E. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process. Pins listed as 500 V may actually have higher performance.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
119
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com