Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 118Page - Texas Instruments AM3892 Datasheet HTML 119Page - Texas Instruments AM3892 Datasheet HTML 120Page - Texas Instruments AM3892 Datasheet HTML 121Page - Texas Instruments AM3892 Datasheet HTML 122Page - Texas Instruments AM3892 Datasheet HTML 123Page - Texas Instruments AM3892 Datasheet HTML 124Page - Texas Instruments AM3892 Datasheet HTML 125Page - Texas Instruments AM3892 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
6.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Temperature (Unless Otherwise Noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
Low/full speed: USB_DN
2.8
VDD_USBx_3P3
V
and USB_DP
High speed: USB_DN and
360
440
mV
VOH
USB_DP
High-level output voltage
DVDD_3P3 = MIN,
2.4
V
(3.3-V I/O)
IOH = MAX
Low/full speed: USB_DN
0.0
0.3
V
and USB_DP
High speed: USB_DN and
-10
10
mV
USB_DP
VOL
Low-level output voltage
DVDD_3P3 = MIN,
0.4
V
(3.3-V I/O except I2C pins)
IOL = MAX
Low-level output voltage
IO = 3 mA
0.4
V
(3.3-V I/O I2C pins)
VI = VSS to DVDD_3P3
±1
µA
without opposing
internal resistor
VI = VSS to DVDD_3P3
100
µA
Input current [DC]
with opposing internal
(except I2C pins)
II
(3)
pullup resistor(4)
VI = VSS to DVDD_3P3
-100
µA
with opposing internal
pulldown resistor(4)
Input current [DC] (I2C)
VI = VSS to DVDD_3P3
±20
µA
VO = DVDD_3P3 or
±5
µA
VSS; internal pull
disabled
IOZ
(5)
I/O Off-state output current
VO = DVDD_3P3 or
±100
µA
VSS; internal pull
enabled
Core (CVDD, CVDDC) CDD
TBD
TBD
mA
ICDD
supply current(6)
3.3-V I/O (DVDD_3P3,
TBD
TBD
mA
USB_VDDA3P3) supply
current(6)
1.8-V I/O (DVDD1P8,
TBD
TBD
mA
IDDD
DVDD_DDRx) supply
current(6)(7)
1.5-V I/O (DVDD_DDRx)
TBD
TBD
mA
supply current(6)(7)
CI
Input capacitance
2.8
pF
Co
Output capacitance
2.8
pF
(1)
Data in this table is based on device operation at 1.0 GHz for the ARM Cortex-A8.
(2)
For test conditions shown as MIN, MAX, or TYP, use the appropriate value specified in the recommended operating conditions table.
(3)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(4)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(5)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
(6)
Measured under the following conditions: TBD. The actual current draw varies across manufacturing processes and is highly
application-dependent.
(7)
For supply voltage pins, DVDD_DDRx:
•
1.5 V is used for DDR3 SDRAM.
•
1.8 V is used for DDR2 SDRAM.
122
Device Operating Conditions
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com