Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 120 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 116Page - Texas Instruments AM3892 Datasheet HTML 117Page - Texas Instruments AM3892 Datasheet HTML 118Page - Texas Instruments AM3892 Datasheet HTML 119Page - Texas Instruments AM3892 Datasheet HTML 120Page - Texas Instruments AM3892 Datasheet HTML 121Page - Texas Instruments AM3892 Datasheet HTML 122Page - Texas Instruments AM3892 Datasheet HTML 123Page - Texas Instruments AM3892 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
6.2
Recommended Operating Conditions
(1)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, Variable Core, Adaptive Voltage
CVDD
0.8
1.05
V
Scaling (CVDD)(2)
Supply voltage, Constant Core (CVDDC,
CVDDC
VDDT_SATA, VDDT_PCIE, VDDA_HDMI,
0.95
1
1.05
V
VDDA_HD_1P0, VDDA_SD_1P0)
Supply voltage, I/O, 3.3 V (DVDD_3P3,
VDD_USB0_3P3, VDD_USB1_3P3)
3.13
3.3
3.47
V
(except I2C pins)
Supply voltage, I/O, I2C (DVDD_3P3)
3.13
3.3
3.47
V
Supply voltage, I/O, 1.8 V (DVDD1P8,
DEVOSC_DVDD18, VDD_USB0_1P8,
DVDD
VDD_USB1_1P8, VDDA_REF_1P8,
1.71
1.8
1.89
V
VDDA_HD_1P8, VDDA_SD_1P8, DVDD_DDR0,
DVDD_DDR1)(3)
Supply voltage, I/O, 1.5 V (VDDA_PLL,
VDDR_SATA, VDDR_PCIE, DVDD_DDR0,
1.43
1.5
1.58
V
DVDD_DDR1)(3)
Supply voltage, I/O, 0.9 V (VDD_USB_0P9)
0.85
0.9
0.95
V
Supply ground (VSS, VSSA_PLL, VSSA_HD,
VSS
0
0
0
V
VSSA_SD, VSSA_REF_1P8, DEVOSC_VSS)(4)
DDR_VREF
DDR2/3 reference voltage(5)
0.48DVDD_DDRx
0.5DVDD_DDRx
0.52DVDD_DDRx
V
High-level input voltage, 3.3 V (except I2C pins)
2
VIH
High-level input voltage, I2C
0.7DVDD_3P3
V
High-level input voltage, 1.8 V
0.65DVDD1P8
Low-level input voltage, 3.3 V (except I2C pins)
0.8
VIL
Low-level input voltage, I2C
0.3DVDD_3P3
V
Low-level input voltage, 1.8 V
0.35DVDD1P8
4-mA I/O buffers
-4
6-mA I/O buffers
-6
IOH
High-level output current
mA
DDR[0], DDR[1]
buffers @ 50-
Ω
-8
impedance setting
4-mA I/O buffers
4
6-mA I/O buffers
6
IOL
Low-level output current
mA
DDR[0], DDR[1]
buffers @ 50-
Ω
8
impedance setting
Differential input voltage (SERDES_CLKN/P),
0.25
VID
2.0
V
[AC coupled]
Transition time, 10%-90%, All Inputs (unless
Lesser of 0.25P or
tt
ns
otherwise specified in the electrical data sections)
10 (6)
(1)
Data in this table is based on device operation at 1.0 GHz for the ARM Cortex-A8.
(2)
This device supports, and requires the use of, SmartReflex technology with Adaptive Voltage Scaling based on die temperature and
performance. The SmartReflex codes output from the device correspond to up to 32 linear voltage steps within the specified voltage
range, with the option to use fewer steps if desired, with a minimum of eight steps. TI requires that users design-in a supply that can
handle multiple voltage steps within this range with ± 5% tolerances. Not incorporating a flexible supply may limit the system's ability to
use the power saving capabilities of the SmartReflex technology.
(3)
For supply voltage pins, DVDD_DDRx:
•
1.5 V is used for DDR3 SDRAM.
•
1.8 V is used for DDR2 SDRAM.
(4)
Oscillator ground (DEVOSC_VSS) must be kept separate from other grounds and connected directly to the crystal load capacitor
ground.
(5)
DDR_VREF is expected to equal 0.5DVDD_DDRx of the transmitting device and to track variations in the DVDD_DDRx.
(6)
P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve noise immunity on input
signals.
120
Device Operating Conditions
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com