Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 188Page - Texas Instruments AM3892 Datasheet HTML 189Page - Texas Instruments AM3892 Datasheet HTML 190Page - Texas Instruments AM3892 Datasheet HTML 191Page - Texas Instruments AM3892 Datasheet HTML 192Page - Texas Instruments AM3892 Datasheet HTML 193Page - Texas Instruments AM3892 Datasheet HTML 194Page - Texas Instruments AM3892 Datasheet HTML 195Page - Texas Instruments AM3892 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 8-36. EDMA Transfer Controller (EDMA TPTC) Control Registers
TPTC0 HEX
TPTC1 HEX
TPTC2 HEX
TPTC3 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
ADDRESS
ADDRESS
0x4980 0000
0x4990 0000
0x49A0 0000
0x49B0 0000
PID
Peripheral Identification
0x4980 0004
0x4990 0004
0x49A0 0004
0x49B0 0004
TCCFG
EDMA3TC Configuration
0x4980 0100
0x4990 0100
0x49A0 0100
0x49B0 0100
TCSTAT
EDMA3TC Channel Status
0x4980 0120
0x4990 0120
0x49A0 0120
0x49B0 0120
ERRSTAT
Error Status
0x4980 0124
0x4990 0124
0x49A0 0124
0x49B0 0124
ERREN
Error Enable
0x4980 0128
0x4990 0128
0x49A0 0128
0x49B0 0128
ERRCLR
Error Clear
0x4980 012C
0x4990 012C
0x49A0 012C
0x49B0 012C
ERRDET
Error Details
0x4980 0130
0x4990 0130
0x49A0 0130
0x49B0 0130
ERRCMD
Error Interrupt Command
0x4980 0140
0x4990 0140
0x49A0 0140
0x49B0 0140
RDRATE
Read Rate Register
0x4980 0240
0x4990 0240
0x49A0 0240
0x49B0 0240
SAOPT
Source Active Options
0x4980 0244
0x4990 0244
0x49A0 0244
0x49B0 0244
SASRC
Source Active Source Address
0x4980 0248
0x4990 0248
0x49A0 0248
0x49B0 0248
SACNT
Source Active Count
0x4980 024C
0x4990 024C
0x49A0 024C
0x49B0 024C
SADST
Source Active Destination
Address
0x4980 0250
0x4990 0250
0x49A0 0250
0x49B0 0250
SABIDX
Source Active Source B-Index
0x4980 0254
0x4990 0254
0x49A0 0254
0x49B0 0254
SAMPPRXY
Source Active Memory
Protection Proxy
0x4980 0258
0x4990 0258
0x49A0 0258
0x49B0 0258
SACNTRLD
Source Active Count Reload
0x4980 025C
0x4990 025C
0x49A0 025C
0x49B0 025C
SASRCBREF
Source Active Source Address
B-Reference
0x4980 0260
0x4990 0260
0x49A0 0260
0x49B0 0260
SADSTBREF
Source Active Destination
Address B-Reference
0x4980 0280
0x4990 0280
0x49A0 0280
0x49B0 0280
DFCNTRLD
Destination FIFO Set Count
Reload
0x4980 0284
0x4990 0284
0x49A0 0284
0x49B0 0284
DFSRCBREF
Destination FIFO Set
Destination Address B
Reference
0x4980 0288
0x4990 0288
0x49A0 0288
0x49B0 0288
DFDSTBREF
Destination FIFO Set
Destination Address B
Reference
0x4980 0300
0x4990 0300
0x49A0 0300
0x49B0 0300
DFOPT0
Destination FIFO Options 0
0x4980 0304
0x4990 0304
0x49A0 0304
0x49B0 0304
DFSRC0
Destination FIFO Source
Address 0
0x4980 0308
0x4990 0308
0x49A0 0308
0x49B0 0308
DFCNT0
Destination FIFO Count 0
0x4980 030C
0x4990 030C
0x49A0 030C
0x49B0 030C
DFDST0
Destination FIFO Destination
Address 0
0x4980 0310
0x4990 0310
0x49A0 0310
0x49B0 0310
DFBIDX0
Destination FIFO BIDX 0
0x4980 0314
0x4990 0314
0x49A0 0314
0x49B0 0314
DFMPPRXY0
Destination FIFO Memory
Protection Proxy 0
0x4980 0340
0x4990 0340
0x49A0 0340
0x49B0 0340
DFOPT1
Destination FIFO Options 1
0x4980 0344
0x4990 0344
0x49A0 0344
0x49B0 0344
DFSRC1
Destination FIFO Source
Address 1
0x4980 0348
0x4990 0348
0x49A0 0348
0x49B0 0348
DFCNT1
Destination FIFO Count 1
0x4980 034C
0x4990 034C
0x49A0 034C
0x49B0 034C
DFDST1
Destination FIFO Destination
Address 1
0x4980 0350
0x4990 0350
0x49A0 0350
0x49B0 0350
DFBIDX1
Destination FIFO BIDX 1
0x4980 0354
0x4990 0354
0x49A0 0354
0x49B0 0354
DFMPPRXY1
Destination FIFO Memory
Protection Proxy 1
0x4980 0380
0x4990 0380
0x49A0 0380
0x49B0 0380
DFOPT2
Destination FIFO Options 2
0x4980 0384
0x4990 0384
0x49A0 0384
0x49B0 0384
DFSRC2
Destination FIFO Source
Address 2
0x4980 0388
0x4990 0388
0x49A0 0388
0x49B0 0388
DFCNT2
Destination FIFO Count 2
192
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com