Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 257 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 257 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 253Page - Texas Instruments AM3892 Datasheet HTML 254Page - Texas Instruments AM3892 Datasheet HTML 255Page - Texas Instruments AM3892 Datasheet HTML 256Page - Texas Instruments AM3892 Datasheet HTML 257Page - Texas Instruments AM3892 Datasheet HTML 258Page - Texas Instruments AM3892 Datasheet HTML 259Page - Texas Instruments AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 8-80. McBSP Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4700 0050
RCERD_REG
McBSP receive channel enable partition D
0x4700 0054
XCERC_REG
McBSP transmit channel enable partition C
0x4700 0058
XCERD_REG
McBSP transmit channel enable partition D
0x4700 005C
RCERE_REG
McBSP receive channel enable partition E
0x4700 0060
RCERF_REG
McBSP receive channel enable partition F
0x4700 0064
XCERE_REG
McBSP transmit channel enable partition E
0x4700 0068
XCERF_REG
McBSP transmit channel enable partition F
0x4700 006C
RCERG_REG
McBSP receive channel enable partition G
0x4700 0070
RCERH_REG
McBSP receive channel enable partition H
0x4700 0074
XCERG_REG
McBSP transmit channel enable partition G
0x4700 0078
XCERH_REG
McBSP transmit channel enable partition H
0x4700 007C
REV_REG
McBSP revision number
0x4700 0080
RINTCLR_REG
McBSP receive interrupt clear
0x4700 0084
XINTCLR_REG
McBSP transmit interrupt clear
0x4700 0088
ROVFLCLR_REG
McBSP receive overflow interrupt clear
0x4700 008C
SYSCONFIG_REG
McBSP system configuration
0x4700 0090
THRSH2_REG
McBSP transmit buffer threshold (DMA or IRQ trigger)
0x4700 0094
THRSH1_REG
McBSP receive buffer threshold (DMA or IRQ trigger)
0x4700 00A0
IRQSTATATUS
McBSP interrupt status (OCP compliant IRQ line)
0x4700 00A4
IRQENABLE
McBSP interrupt enable (OCP compliant IRQ line)
0x4700 00A8
WAKEUPEN
McBSP wakeup enable
0x4700 00AC
XCCR_REG
McBSP transmit configuration control
0x4700 00B0
RCCR_REG
McBSP receive configuration control
0x4700 00B4
XBUFFSTAT_REG
McBSP transmit buffer status
0x4700 00B8
RBUFFSTAT_REG
McBSP receive buffer status
0x4700 00C0
STATUS_REG
McBSP status
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
257
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com