Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 261 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 261 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 257Page - Texas Instruments AM3892 Datasheet HTML 258Page - Texas Instruments AM3892 Datasheet HTML 259Page - Texas Instruments AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
8.14.1.2.2 Polarity Inversion
The PCIe specification requires polarity inversion support. This means, for layout purposes, polarity is
unimportant since each signal can change its polarity on-die inside the chip. This means polarity within a
lane is unimportant for layout.
8.14.1.2.3 Lane Reversal
The device supports lane reversal. Since there are two lanes, this means the lanes can be switched in
layout for better PCB routing.
8.14.1.3 Non-Standard PCIe Connections
The following sections contain suggestions for any PCIe connection that is not described in the official
PCIe specification, such as an on-board device-to-device connection, or device-to-other PCIe-compliant
processor connection.
8.14.1.3.1 PCB Stackup Specifications
Table 8-86 shows the stackup and feature sizes required for these types of PCIe connections.
Table 8-86. PCIe PCB Stackup Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCB Routing/Plane Layers
4
6
-
Layers
Signal Routing Layers
2
3
-
Layers
Number of ground plane cuts allowed within PCIe routing region
-
-
0
Cuts
Number of layers between PCIe routing area and reference plane(1)
-
-
0
Layers
PCB Routing clearance
-
4
-
Mils
PCB Trace width(2)
-
4
-
Mils
PCB BGA escape via pad size
-
20
-
Mils
PCB BGA escape via hole size
-
10
Mils
MPU BGA pad size(3)(4)
0.4
mm
(1)
A reference plane may be a ground plane or the power plane referencing the PCIe signals.
(2)
In breakout area.
(3)
Non-solder mask defined pad.
(4)
Per IPC-7351A BGA pad size guideline.
8.14.1.3.2 Routing Specifications
The PCIe data signal traces must be routed to achieve 100
Ω (±20%) differential impedance and 60 Ω
(±15%) single-ended impedance. The single-ended impedance is required because differential signals are
extremely difficult to closely couple on PCBs and, therefore, single-ended impedance becomes important.
These requirements are the same as those recommended in the PCIe Motherboard Checklist 1.0
document, available from PCI-SIG.
These impedances are impacted by trace width, trace spacing, distance between signals and referencing
planes, and dielectric material. Verify with a PCB design tool that the trace geometry for both data signal
pairs result in as close to 100
Ω differential impedance and 60 Ω single-ended impedance as possible. For
best accuracy, work with your PCB fabricator to ensure this impedance is met.
In general, closely coupled differential signal traces are not an advantage on PCBs. When differential
signals are closely coupled, tight spacing and width control is necessary. Very small width and spacing
variations affect impedance dramatically, so tight impedance control can be more problematic to maintain
in production.
Loosely coupled PCB differential signals make impedance control much easier. Wider traces and spacing
make obstacle avoidance easier, and trace width variations do not affect impedance as much; therefore, it
is easier to maintain an accurate impedance over the length of the signal. The wider traces also show
reduced skin effect and, therefore, often result in better signal integrity.
Copyright © 2010–2011, Texas Instruments Incorporated
Peripheral Information and Timings
261
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com