Electronic Components Datasheet Search
  English  ▼

X  

AM3892 Datasheet(PDF) 262 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892 Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM3892 Datasheet HTML 258Page - Texas Instruments AM3892 Datasheet HTML 259Page - Texas Instruments AM3892 Datasheet HTML 260Page - Texas Instruments AM3892 Datasheet HTML 261Page - Texas Instruments AM3892 Datasheet HTML 262Page - Texas Instruments AM3892 Datasheet HTML 263Page - Texas Instruments AM3892 Datasheet HTML 264Page - Texas Instruments AM3892 Datasheet HTML 265Page - Texas Instruments AM3892 Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 8-87 shows the routing specifications for the PCIe data signals.
Table 8-87. PCIe Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
PCIe signal trace length
10(1)
Inches
Differential pair trace matching
10(2)
Mils
Number of stubs allowed on PCIe traces(3)
0
Stubs
TX/RX pair differential impedance
80
100
120
Ω
TX/RX single ended impedance
51
60
69
Ω
Pad size of vias on PCIe trace
25(4)
Mils
Hole size of vias on PCIe trace
14
Mils
Number of vias on each PCIe trace
3
Vias(5)
PCIe differential pair to any other trace spacing
2*DS(6)
(1)
Beyond this, signal integrity may suffer.
(2)
For example, RXP0 within 10 Mils of RXN0.
(3)
In-line pads may be used for probing.
(4)
35-Mil antipad max recommended.
(5)
Vias must be used in pairs with their distance minimized.
(6)
DS = differential spacing of the PCIe traces.
8.14.2 PCIe Peripheral Register Descriptions
Table 8-88. PCIe Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0x5100 0000
PID
Peripheral Version and ID
0x5100 0004
CMD_STATUS
Command Status
0x5100 0008
CFG_SETUP
Config Transaction Setup
0x5100 000C
IOBASE
IO TLP Base
0x5100 0010
TLPCFG
TLP Attribute Configuration
0x5100 0014
RSTCMD
Reset Command and Status
0x5100 0020
PMCMD
Power Management Command
0x5100 0024
PMCFG
Power Management Configuration
0x5100 0028
ACT_STATUS
Activity Status
0x5100 0030
OB_SIZE
Outbound Size
0x5100 0034
DIAG_CTRL
Diagnostic Control
0x5100 0038
ENDIAN
Endian Mode
0x5100 003C
PRIORITY
CBA Transaction Priority
0x5100 0050
IRQ_EOI
End of Interrupt
0x5100 0054
MSI_IRQ
MSI Interrupt IRQ
0x5100 0064
EP_IRQ_SET
Endpoint Interrupt Request Set
0x5100 0068
EP_IRQ_CLR
Endpoint Interrupt Request Clear
0x5100 006C
EP_IRQ_STATUS
Endpoint Interrupt Status
0x5100 0070
GPRO
General Purpose 0
0x5100 0074
GPR1
General Purpose 1
0x5100 0078
GPR2
General Purpose 2
0x5100 007C
GPR3
General Purpose 3
0x5100 0100
MSI0_IRQ_STATUS_RAW
MSI 0 Interrupt Raw Status
0x5100 0104
MSI0_IRQ_STATUS
MSI 0 Interrupt Enabled Status
0x5100 0108
MSI0_IRQ_ENABLE_SET
MSI 0 Interrupt Enable Set
0x5100 010C
MSI0_IRQ_ENABLE_CLR
MSI 0 Interrupt Enable Clear
0x5100 0180
IRQ_STATUS_RAW
Raw Interrupt Status
262
Peripheral Information and Timings
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com